Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878ACPZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADE7878ACPZ
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878ACPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADE7878ACPZ Datasheet HTML 39Page - Analog Devices ADE7878ACPZ Datasheet HTML 40Page - Analog Devices ADE7878ACPZ Datasheet HTML 41Page - Analog Devices ADE7878ACPZ Datasheet HTML 42Page - Analog Devices ADE7878ACPZ Datasheet HTML 43Page - Analog Devices ADE7878ACPZ Datasheet HTML 44Page - Analog Devices ADE7878ACPZ Datasheet HTML 45Page - Analog Devices ADE7878ACPZ Datasheet HTML 46Page - Analog Devices ADE7878ACPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
ADE7878
Rev. 0 | Page 43 of 92
Fundamental Active Power Calculation
The ADE7878 computes the fundamental active power using
a proprietary algorithm that requires some initializations
function of the frequency of the network and its nominal
voltage measured in the voltage channel. Bit 14 (SELFREQ) in
the COMPMODE[15:0] register must be set according to the
frequency of the network in which the ADE7878 is connected.
If the network frequency is 50 Hz, then clear this bit to 0 (the
default value). If the network frequency is 60 Hz, then set this
bit to 1. Also, the VLEVEL[23:0] 24-bit signed register should
be initialized with a positive value based on the following
expression:
520
,
491
×
=
n
FS
U
U
VLEVEL
(21)
where:
UFS is the rms value of the phase voltages when the ADC inputs
are at full scale.
Un is the rms nominal value of the phase voltage.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. Similar
to the registers presented in Figure 32, the VLEVEL[23:0] 24-bit
signed register is accessed as a 32-bit register with the four most
significant bits padded with 0s and sign extended to 28 bits.
Table 13 presents the settling time for the fundamental active
power measurement.
Table 13.Settling Time for Fundamental Active Power
Input Signals
63% Full Scale
100% Full Scale
375 ms
875 ms
Active Power Gain Calibration
Note that the average active power result from the LPF2 output
in each phase can be scaled by ±100% by writing to the phase’s
watt gain 24-bit register, (AWGAIN[23:0], BWGAIN[23:0],
CWGAIN[23:0], AFWGAIN[23:0], BFWGAIN[23:0], or
CFWGAIN[23:0]). The xWGAIN registers are placed in each
phase of the total active power datapath, and the xFWGAIN
registers are placed in each phase of the fundamental active
power datapath. The watt gain registers are twos complement
signed registers and have a resolution of 2−23/LSB. Equation 22
describes mathematically the function of the watt gain registers.
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
23
2
1
2
gister
Re
Gain
Watt
Output
LPF
Data
Power
Average
(22)
The output is scaled by −50% by writing 0xC00000 to the watt
gain registers, and it is increased by +50% by writing 0x400000
to them. These registers can be used to calibrate the active
power (or energy) calculation in the ADE7878 for each phase.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. Similar
to registers presented in Figure 32, the AWGAIN, BWGAIN,
CWGAIN, AFWGAIN, BFWGAIN, and CFWGAIN 24-bit
signed registers are accessed as 32-bit registers with the four
MSBs padded with 0s and sign extended to 28 bits.
Active Power Offset Calibration
The ADE7878 also incorporates a watt offset 24-bit register
on each phase and on each active power. The AWATTOS[23:0],
BWATTOS[23:0], and CWATTOS[23:0] registers compensate
the offsets in the total active power calculations, and the
AFWATTOS[23:0], BFWATTOS[23:0], and CFWATTOS[23:0]
registers compensate offsets in the fundamental active power
calculations. These are signed twos complement 24-bit registers
that are used to remove offsets in the active power calculations.
An offset can exist in the power calculation due to crosstalk
between channels on the PCB or in the chip itself. The offset
calibration allows the contents of the active power register to be
maintained at 0 when no power is being consumed. One LSB in
the active power offset register is equivalent to 1 LSB in the
active power multiplier output. With full-scale current and
voltage inputs, the LPF2 output is PMAX = 33,516,139. At
−80 dB down from the full scale (active power scaled down 104
times), one LSB of the active power offset register represents
0.0298% of PMAX.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. Similar
to registers presented in Figure 32, the AWATTOS, BWATTOS,
and CWATTOS, AFWATTOS, BFWATTOS, CFWATTOS
24-bit signed registers are accessed as 32-bit registers with the
four MSBs padded with 0s and sign extended to 28 bits.
Sign of Active Power Calculation
Note that the average active power is a signed calculation. If the
phase difference between the current and voltage waveform is
more than 90°, the average power becomes negative. Negative
power indicates that energy is being injected back on the grid.
The ADE7878 has sign detection circuitry for total active power
calculations. It can monitor the total active powers or the funda-
mental active powers. As described in the Active Energy
Calculation section, the active energy accumulation is performed
in two stages. Every time a sign change is detected in the energy
accumulation at the end of the first stage, that is, after the
energy accumulated into the internal accumulator reaches the
WTHR[47:0] threshold, a dedicated interrupt is triggered. The
sign of each phase active power can be read in the PHSIGN[15:0]
register.
Bit 6 (REVAPSEL) in the ACCMODE[7:0] register sets the type
of active power being monitored. When REVAPSEL is 0, the
default value, the total active power is monitored. When
REVAPSEL is 1, the fundamental active power is monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com