Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 311 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 311 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 307Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 308Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 309Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 310Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 311Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 312Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 313Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 314Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 315Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
311
7.1 Introduction
Exceptions are events that require processing outside the normal flow of
instruction execution. This section describes exceptions and the way each
is handled.
7.2 Types of Exceptions
Central processor unit (CPU12) exceptions include:
• Resets
–
Power-on reset and RESET pin
–
Clock monitor reset
–
COP watchdog reset
• An unimplemented opcode trap
• A software interrupt instruction (SWI)
• Non-maskable (X-bit) interrupts
• Maskable (I-bit) interrupts
Each exception has an associated 16-bit vector, which points to the memory
location where the routine that handles the exception is located. As shown
in Table 7-1, vectors are stored in the upper bytes of the standard 64-Kbyte
address map.
The six highest vector addresses are used for resets and unmaskable
interrupt sources. The remaining vectors are used for maskable interrupts.
All vectors must be programmed to point to the address of the appropriate
service routine.
Reference Manual — S12CPUV2
Section 7. Exception Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com