Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 314 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 314 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 310Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 311Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 312Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 313Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 314Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 315Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 316Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 317Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 318Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
314
Freescale Semiconductor
Power-on reset (POR) and external reset share the same reset vector. The
computer operating properly (COP) reset and the clock monitor reset each
have a vector.
7.4.1 Power-On Reset
The HCS12 incorporate circuitry to detect a positive transition in the VDD
supply and initialize the device during cold starts, generally by asserting the
reset signal internally. The signal is typically released after a delay that
allows the device clock generator to stabilize.
7.4.2 External Reset
The MCU distinguishes between internal and external resets by sensing
how quickly the signal on the RESET pin rises to logic level 1 after it has
been asserted. When the MCU senses any of the four reset conditions,
internal circuitry drives the RESET signal low for N clock cycles, then
releases. M clock cycles later, the MCU samples the state of the signal
applied to the RESET pin. If the signal is still low, an external reset has
occurred. If the signal is high, reset is assumed to have been initiated
internally by either the COP system or the clock monitor.
7.4.3 COP Reset
The MCU includes a computer operating properly (COP) system to help
protect against software failures. When the COP is enabled, software must
write a particular code sequence to a specific address to keep a watchdog
timer from timing out. If software fails to execute the sequence properly, a
reset occurs.
7.4.4 Clock Monitor Reset
The clock monitor circuit uses an internal RC circuit to determine whether
clock frequency is above a predetermined limit. If clock frequency falls
below the limit when the clock monitor is enabled, a reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com