Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 313 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 313 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 309Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 310Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 311Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 312Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 313Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 314Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 315Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 316Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 317Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
313
External reset and POR share the highest exception-processing priority,
followed by clock monitor reset, and then the on-chip watchdog reset.
The XIRQ interrupt is pseudo-non-maskable. After reset, the X bit in the
CCR is set, which inhibits all interrupt service requests from the XIRQ pin
until the X bit is cleared. The X bit can be cleared by a program instruction,
but program instructions cannot change X from 0 to 1. Once the X bit is
cleared, interrupt service requests made via the XIRQ pin become
non-maskable.
The unimplemented page 2 opcode trap (TRAP) and the SWI are special
cases. In one sense, these two exceptions have very low priority, because
any enabled interrupt source that is pending prior to the time exception
processing begins will take precedence. However, once the CPU begins
processing a TRAP or SWI, neither can be interrupted. Also, since these are
mutually exclusive instructions, they have no relative priority.
All remaining interrupts are subject to masking via the I bit in the CCR. Most
HCS12 microcontroller units (MCU) have an external IRQ pin, which is
assigned the highest I-bit interrupt priority and an internal periodic real-time
interrupt generator, which has the next highest priority. The other maskable
sources have default priorities that follow the address order of the interrupt
vectors — the higher the address, the higher the priority of the interrupt.
Other maskable interrupts are associated with on-chip peripherals such as
timers or serial ports. On the HCS12, logic in the device integration module
can give one I-masked source priority over other I-masked sources. Refer
to the documentation for the specific HCS12 derivative for more information.
7.4 Resets
M68HC12 devices perform resets with a combination of hardware and
software. Integration module circuitry determines the type of reset that has
occurred, performs basic system configuration, then passes control to the
CPU12. The CPU fetches a vector determined by the type of reset that has
occurred, jumps to the address pointed to by the vector, and begins to
execute code at that address.
The are four possible sources of reset are:
• Power-on reset (POR)
• External reset (RESET pin)
• COP reset
• Clock monitor reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com