Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 377 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 373Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 374Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 375Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 376Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 377Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 378Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 379Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 380Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
377
A.4 Notation Used in Instruction Set Summary
CPU Register Notation
Accumulator A — A or a
Index Register Y — Y or y
Accumulator B — B or b
Stack Pointer — SP, sp, or s
Accumulator D — D or d
Program Counter — PC, pc, or p
Index Register X — X or x
Condition Code Register — CCR or c
Explanation of Italic Expressions in Source Form Column
abc — A or B or CCR
abcdxys — A or B or CCR or D or X or Y or SP. Some assemblers also allow T2 or T3.
abd — A or B or D
abdxys — A or B or D or X or Y or SP
dxys — D or X or Y or SP
msk8 — 8-bit mask, some assemblers require # symbol before value
opr8i — 8-bit immediate value
opr16i — 16-bit immediate value
opr8a — 8-bit address used with direct address mode
opr16a — 16-bit address value
oprx0_xysp — Indexed addressing postbyte code:
oprx3,–xys Predecrement X or Y or SP by 1 . . . 8
oprx3,
+xys Preincrement X or Y or SP by 1 . . . 8
oprx3,xys– Postdecrement X or Y or SP by 1 . . . 8
oprx3,xys
+ Postincrement X or Y or SP by 1 . . . 8
oprx5,xysp 5-bit constant offset from X or Y or SP or PC
abd,xysp
Accumulator A or B or D offset from X or Y or SP or PC
oprx3 — Any positive integer 1 . . . 8 for pre/post increment/decrement
oprx5 — Any integer in the range –16 . . . +15
oprx9 — Any integer in the range –256 . . . +255
oprx16 — Any integer in the range –32,768 . . . 65,535
page — 8-bit value for PPAGE, some assemblers require # symbol before this value
rel8 — Label of branch destination within –128 to +127 locations
rel9 — Label of branch destination within –256 to +255 locations
rel16 — Any label within 64K memory space
trapnum — Any 8-bit integer in the range $30-$39 or $40-$FF
xys — X or Y or SP
xysp — X or Y or SP or PC
Operators
+ —
Addition
– —
Subtraction
• — Logical AND
+ — Logical OR (inclusive)
Continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com