Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 381 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 381 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 377Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 378Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 379Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 380Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 381Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 382Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 383Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 384Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
381
Table A-1. Instruction Set Summary (Sheet 1 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12
ABA
(A) + (B)
⇒ A
Add Accumulators A and B
INH
18 06
OO
OO
– –
∆ – ∆ ∆ ∆ ∆
ABX
(B) + (X)
⇒ X
Translates to LEAX B,X
IDX
1A E5
Pf
PP
1
– – – –
– – – –
ABY
(B) + (Y)
⇒ Y
Translates to LEAY B,Y
IDX
19 ED
Pf
PP
1
– – – –
– – – –
ADCA #opr8i
ADCA opr8a
ADCA opr16a
ADCA oprx0_xysp
ADCA oprx9,xysp
ADCA oprx16,xysp
ADCA [D,xysp]
ADCA [oprx16,xysp]
(A) + (M) + C
⇒ A
Add with Carry to A
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
89 ii
99 dd
B9 hh ll
A9 xb
A9 xb ff
A9 xb ee ff
A9 xb
A9 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– –
∆ – ∆ ∆ ∆ ∆
ADCB #opr8i
ADCB opr8a
ADCB opr16a
ADCB oprx0_xysp
ADCB oprx9,xysp
ADCB oprx16,xysp
ADCB [D,xysp]
ADCB [oprx16,xysp]
(B) + (M) + C
⇒ B
Add with Carry to B
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
C9 ii
D9 dd
F9 hh ll
E9 xb
E9 xb ff
E9 xb ee ff
E9 xb
E9 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– –
∆ – ∆ ∆ ∆ ∆
ADDA #opr8i
ADDA opr8a
ADDA opr16a
ADDA oprx0_xysp
ADDA oprx9,xysp
ADDA oprx16,xysp
ADDA [D,xysp]
ADDA [oprx16,xysp]
(A) + (M)
⇒ A
Add without Carry to A
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
8B ii
9B dd
BB hh ll
AB xb
AB xb ff
AB xb ee ff
AB xb
AB xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– –
∆ – ∆ ∆ ∆ ∆
ADDB #opr8i
ADDB opr8a
ADDB opr16a
ADDB oprx0_xysp
ADDB oprx9,xysp
ADDB oprx16,xysp
ADDB [D,xysp]
ADDB [oprx16,xysp]
(B) + (M)
⇒ B
Add without Carry to B
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
CB ii
DB dd
FB hh ll
EB xb
EB xb ff
EB xb ee ff
EB xb
EB xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– –
∆ – ∆ ∆ ∆ ∆
ADDD #opr16i
ADDD opr8a
ADDD opr16a
ADDD oprx0_xysp
ADDD oprx9,xysp
ADDD oprx16,xysp
ADDD [D,xysp]
ADDD [oprx16,xysp]
(A:B) + (M:M+1)
⇒ A:B
Add 16-Bit to D (A:B)
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
C3 jj kk
D3 dd
F3 hh ll
E3 xb
E3 xb ff
E3 xb ee ff
E3 xb
E3 xb ee ff
PO
RPf
RPO
RPf
RPO
fRPP
fIfRPf
fIPRPf
OP
RfP
ROP
RfP
RPO
fRPP
fIfRfP
fIPRfP
– – – –
∆ ∆ ∆ ∆
ANDA #opr8i
ANDA opr8a
ANDA opr16a
ANDA oprx0_xysp
ANDA oprx9,xysp
ANDA oprx16,xysp
ANDA [D,xysp]
ANDA [oprx16,xysp]
(A)
• (M) ⇒ A
Logical AND A with Memory
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
84 ii
94 dd
B4 hh ll
A4 xb
A4 xb ff
A4 xb ee ff
A4 xb
A4 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ 0 –
ANDB #opr8i
ANDB opr8a
ANDB opr16a
ANDB oprx0_xysp
ANDB oprx9,xysp
ANDB oprx16,xysp
ANDB [D,xysp]
ANDB [oprx16,xysp]
(B)
• (M) ⇒ B
Logical AND B with Memory
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
C4 ii
D4 dd
F4 hh ll
E4 xb
E4 xb ff
E4 xb ee ff
E4 xb
E4 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ 0 –
ANDCC #opr8i
(CCR)
• (M) ⇒ CCR
Logical AND CCR with Memory
IMM
10 ii
PP
⇓ ⇓ ⇓ ⇓ ⇓ ⇓ ⇓ ⇓
Note 1. Due to internal CPU requirements, the program word fetch is performed twice to the same address during this instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com