Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 385 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 385 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 381Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 382Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 383Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 384Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 385Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 386Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 387Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 388Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 389Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
385
DEC opr16a
DEC oprx0_xysp
DEC oprx9,xysp
DEC oprx16,xysp
DEC [D,xysp]
DEC [oprx16,xysp]
DECA
DECB
(M) – $01
⇒ M
Decrement Memory Location
(A) – $01
⇒ A
Decrement A
(B) – $01
⇒ B
Decrement B
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
INH
INH
73 hh ll
63 xb
63 xb ff
63 xb ee ff
63 xb
63 xb ee ff
43
53
rPwO
rPw
rPwO
frPwP
fIfrPw
fIPrPw
O
O
rOPw
rPw
rPOw
frPPw
fIfrPw
fIPrPw
O
O
– – – –
∆ ∆ ∆ –
DES
(SP) – $0001
⇒ SP
Translates to LEAS –1,SP
IDX
1B 9F
Pf
PP
1
– – – –
– – – –
DEX
(X) – $0001
⇒ X
Decrement Index Register X
INH
09
OO
– – – –
–
∆ – –
DEY
(Y) – $0001
⇒ Y
Decrement Index Register Y
INH
03
OO
– – – –
–
∆ – –
EDIV
(Y:D)
÷ (X) ⇒ Y Remainder ⇒ D
32 by 16 Bit
⇒ 16 Bit Divide (unsigned)
INH
11
ffffffffffO
ffffffffffO
– – – –
∆ ∆ ∆ ∆
EDIVS
(Y:D)
÷ (X) ⇒ Y Remainder ⇒ D
32 by 16 Bit
⇒ 16 Bit Divide (signed)
INH
18 14
OffffffffffO
OffffffffffO
– – – –
∆ ∆ ∆ ∆
EMACS opr16a 2
(M(X):M(X+1)) × (M(Y):M(Y+1)) + (M~M+3) ⇒ M~M+3
16 by 16 Bit
⇒ 32 Bit
Multiply and Accumulate (signed)
Special
18 12 hh ll
ORROfffRRfWWP
ORROfffRRfWWP
– – – –
∆ ∆ ∆ ∆
EMAXD oprx0_xysp
EMAXD oprx9,xysp
EMAXD oprx16,xysp
EMAXD [D,xysp]
EMAXD [oprx16,xysp]
MAX((D), (M:M+1))
⇒ D
MAX of 2 Unsigned 16-Bit Values
N, Z, V and C status bits reflect result of
internal compare ((D) – (M:M+1))
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 1A xb
18 1A xb ff
18 1A xb ee ff
18 1A xb
18 1A xb ee ff
ORPf
ORPO
OfRPP
OfIfRPf
OfIPRPf
ORfP
ORPO
OfRPP
OfIfRfP
OfIPRfP
– – – –
∆ ∆ ∆ ∆
EMAXM oprx0_xysp
EMAXM oprx9,xysp
EMAXM oprx16,xysp
EMAXM [D,xysp]
EMAXM [oprx16,xysp]
MAX((D), (M:M+1))
⇒ M:M+1
MAX of 2 Unsigned 16-Bit Values
N, Z, V and C status bits reflect result of
internal compare ((D) – (M:M+1))
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 1E xb
18 1E xb ff
18 1E xb ee ff
18 1E xb
18 1E xb ee ff
ORPW
ORPWO
OfRPWP
OfIfRPW
OfIPRPW
ORPW
ORPWO
OfRPWP
OfIfRPW
OfIPRPW
– – – –
∆ ∆ ∆ ∆
EMIND oprx0_xysp
EMIND oprx9,xysp
EMIND oprx16,xysp
EMIND [D,xysp]
EMIND [oprx16,xysp]
MIN((D), (M:M+1))
⇒ D
MIN of 2 Unsigned 16-Bit Values
N, Z, V and C status bits reflect result of
internal compare ((D) – (M:M+1))
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 1B xb
18 1B xb ff
18 1B xb ee ff
18 1B xb
18 1B xb ee ff
ORPf
ORPO
OfRPP
OfIfRPf
OfIPRPf
ORfP
ORPO
OfRPP
OfIfRfP
OfIPRfP
– – – –
∆ ∆ ∆ ∆
EMINM oprx0_xysp
EMINM oprx9,xysp
EMINM oprx16,xysp
EMINM [D,xysp]
EMINM [oprx16,xysp]
MIN((D), (M:M+1))
⇒ M:M+1
MIN of 2 Unsigned 16-Bit Values
N, Z, V and C status bits reflect result of
internal compare ((D) – (M:M+1))
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 1F xb
18 1F xb ff
18 1F xb ee ff
18 1F xb
18 1F xb ee ff
ORPW
ORPWO
OfRPWP
OfIfRPW
OfIPRPW
ORPW
ORPWO
OfRPWP
OfIfRPW
OfIPRPW
– – – –
∆ ∆ ∆ ∆
EMUL
(D)
× (Y) ⇒ Y:D
16 by 16 Bit Multiply (unsigned)
INH
13
ffO
ffO
– – – –
∆ ∆ – ∆
EMULS
(D)
× (Y) ⇒ Y:D
16 by 16 Bit Multiply (signed)
INH
18 13
OfO
OfO
– – – –
∆ ∆ – ∆
(if followed by page 2 instruction)
OffO
OfO
EORA #opr8i
EORA opr8a
EORA opr16a
EORA oprx0_xysp
EORA oprx9,xysp
EORA oprx16,xysp
EORA [D,xysp]
EORA [oprx16,xysp]
(A)
⊕ (M) ⇒ A
Exclusive-OR A with Memory
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
88 ii
98 dd
B8 hh ll
A8 xb
A8 xb ff
A8 xb ee ff
A8 xb
A8 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ 0 –
Notes:
1. Due to internal CPU requirements, the program word fetch is performed twice to the same address during this instruction.
2. opr16a is an extended address specification. Both X and Y point to source operands.
EORB #opr8i
EORB opr8a
EORB opr16a
EORB oprx0_xysp
EORB oprx9,xysp
EORB oprx16,xysp
EORB [D,xysp]
EORB [oprx16,xysp]
(B)
⊕ (M) ⇒ B
Exclusive-OR B with Memory
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
C8 ii
D8 dd
F8 hh ll
E8 xb
E8 xb ff
E8 xb ee ff
E8 xb
E8 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ 0 –
Table A-1. Instruction Set Summary (Sheet 5 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com