Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 387 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 387 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 383Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 384Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 385Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 386Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 387Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 388Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 389Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 390Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 391Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
387
LBGT rel16
Long Branch if Greater Than
(if Z
+ (N ⊕ V) = 0) (signed)
REL
18 2E qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBHI rel16
Long Branch if Higher
(if C
+ Z = 0) (unsigned)
REL
18 22 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBHS rel16
Long Branch if Higher or Same
(if C = 0) (unsigned)
same function as LBCC
REL
18 24 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBLE rel16
Long Branch if Less Than or Equal
(if Z
+ (N ⊕ V) = 1) (signed)
REL
18 2F qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBLO rel16
Long Branch if Lower
(if C = 1) (unsigned)
same function as LBCS
REL
18 25 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBLS rel16
Long Branch if Lower or Same
(if C
+ Z = 1) (unsigned)
REL
18 23 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBLT rel16
Long Branch if Less Than
(if N
⊕ V = 1) (signed)
REL
18 2D qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBMI rel16
Long Branch if Minus (if N = 1)
REL
18 2B qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBNE rel16
Long Branch if Not Equal (if Z = 0)
REL
18 26 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBPL rel16
Long Branch if Plus (if N = 0)
REL
18 2A qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBRA rel16
Long Branch Always (if 1=1)
REL
18 20 qq rr
OPPP
OPPP
– – – –
– – – –
LBRN rel16
Long Branch Never (if 1 = 0)
REL
18 21 qq rr
OPO
OPO
– – – –
– – – –
LBVC rel16
Long Branch if Overflow Bit Clear (if V=0)
REL
18 28 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LBVS rel16
Long Branch if Overflow Bit Set (if V = 1)
REL
18 29 qq rr
OPPP/OPO
1
OPPP/OPO
1
– – – –
– – – –
LDAA #opr8i
LDAA opr8a
LDAA opr16a
LDAA oprx0_xysp
LDAA oprx9,xysp
LDAA oprx16,xysp
LDAA [D,xysp]
LDAA [oprx16,xysp]
(M)
⇒ A
Load Accumulator A
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
86 ii
96 dd
B6 hh ll
A6 xb
A6 xb ff
A6 xb ee ff
A6 xb
A6 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ 0 –
LDAB #opr8i
LDAB opr8a
LDAB opr16a
LDAB oprx0_xysp
LDAB oprx9,xysp
LDAB oprx16,xysp
LDAB [D,xysp]
LDAB [oprx16,xysp]
(M)
⇒ B
Load Accumulator B
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
C6 ii
D6 dd
F6 hh ll
E6 xb
E6 xb ff
E6 xb ee ff
E6 xb
E6 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ 0 –
LDD #opr16i
LDD opr8a
LDD opr16a
LDD oprx0_xysp
LDD oprx9,xysp
LDD oprx16,xysp
LDD [D,xysp]
LDD [oprx16,xysp]
(M:M+1)
⇒ A:B
Load Double Accumulator D (A:B)
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
CC jj kk
DC dd
FC hh ll
EC xb
EC xb ff
EC xb ee ff
EC xb
EC xb ee ff
PO
RPf
RPO
RPf
RPO
fRPP
fIfRPf
fIPRPf
OP
RfP
ROP
RfP
RPO
fRPP
fIfRfP
fIPRfP
– – – –
∆ ∆ 0 –
Note 1. OPPP/OPO indicates this instruction takes four cycles to refill the instruction queue if the branch is taken and three cycles if the branch is not taken.
LDS #opr16i
LDS opr8a
LDS opr16a
LDS oprx0_xysp
LDS oprx9,xysp
LDS oprx16,xysp
LDS [D,xysp]
LDS [oprx16,xysp]
(M:M+1)
⇒ SP
Load Stack Pointer
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
CF jj kk
DF dd
FF hh ll
EF xb
EF xb ff
EF xb ee ff
EF xb
EF xb ee ff
PO
RPf
RPO
RPf
RPO
fRPP
fIfRPf
fIPRPf
OP
RfP
ROP
RfP
RPO
fRPP
fIfRfP
fIPRfP
– – – –
∆ ∆ 0 –
LDX #opr16i
LDX opr8a
LDX opr16a
LDX oprx0_xysp
LDX oprx9,xysp
LDX oprx16,xysp
LDX [D,xysp]
LDX [oprx16,xysp]
(M:M+1)
⇒ X
Load Index Register X
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
CE jj kk
DE dd
FE hh ll
EE xb
EE xb ff
EE xb ee ff
EE xb
EE xb ee ff
PO
RPf
RPO
RPf
RPO
fRPP
fIfRPf
fIPRPf
OP
RfP
ROP
RfP
RPO
fRPP
fIfRfP
fIPRfP
– – – –
∆ ∆ 0 –
Table A-1. Instruction Set Summary (Sheet 7 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com