Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 383 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 383 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 379Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 380Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 381Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 382Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 383Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 384Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 385Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 386Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 387Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
383
BLS rel8
Branch if Lower or Same
(if C
+ Z = 1) (unsigned)
REL
23 rr
PPP/P
1
PPP/P
1
– – – –
– – – –
BLT rel8
Branch if Less Than
(if N
⊕ V = 1) (signed)
REL
2D rr
PPP/P
1
PPP/P
1
– – – –
– – – –
BMI rel8
Branch if Minus (if N = 1)
REL
2B rr
PPP/P
1
PPP/P
1
– – – –
– – – –
BNE rel8
Branch if Not Equal (if Z = 0)
REL
26 rr
PPP/P
1
PPP/P
1
– – – –
– – – –
BPL rel8
Branch if Plus (if N = 0)
REL
2A rr
PPP/P
1
PPP/P
1
– – – –
– – – –
BRA rel8
Branch Always (if 1 = 1)
REL
20 rr
PPP
PPP
– – – –
– – – –
BRCLR opr8a, msk8, rel8
BRCLR opr16a, msk8, rel8
BRCLR oprx0_xysp, msk8, rel8
BRCLR oprx9,xysp, msk8, rel8
BRCLR oprx16,xysp, msk8, rel8
Branch if (M)
• (mm) = 0
(if All Selected Bit(s) Clear)
DIR
EXT
IDX
IDX1
IDX2
4F dd mm rr
1F hh ll mm rr
0F xb mm rr
0F xb ff mm rr
0F xb ee ff mm rr
rPPP
rfPPP
rPPP
rfPPP
PrfPPP
rPPP
rfPPP
rPPP
rffPPP
frPffPPP
– – – –
– – – –
BRN rel8
Branch Never (if 1 = 0)
REL
21 rr
PP
– – – –
– – – –
BRSET opr8, msk8, rel8
BRSET opr16a, msk8, rel8
BRSET oprx0_xysp, msk8, rel8
BRSET oprx9,xysp, msk8, rel8
BRSET oprx16,xysp, msk8, rel8
Branch if (M)
• (mm) = 0
(if All Selected Bit(s) Set)
DIR
EXT
IDX
IDX1
IDX2
4E dd mm rr
1E hh ll mm rr
0E xb mm rr
0E xb ff mm rr
0E xb ee ff mm rr
rPPP
rfPPP
rPPP
rfPPP
PrfPPP
rPPP
rfPPP
rPPP
rffPPP
frPffPPP
– – – –
– – – –
BSET opr8, msk8
BSET opr16a, msk8
BSET oprx0_xysp, msk8
BSET oprx9,xysp, msk8
BSET oprx16,xysp, msk8
(M)
+ (mm) ⇒ M
Set Bit(s) in Memory
DIR
EXT
IDX
IDX1
IDX2
4C dd mm
1C hh ll mm
0C xb mm
0C xb ff mm
0C xb ee ff mm
rPwO
rPwP
rPwO
rPwP
frPwPO
rPOw
rPPw
rPOw
rPwP
frPwOP
– – – –
∆ ∆ 0 –
BSR rel8
(SP) – 2
⇒ SP; RTNH:RTNL ⇒ M(SP):M(SP+1)
Subroutine address
⇒ PC
Branch to Subroutine
REL
07 rr
SPPP
PPPS
– – – –
– – – –
BVC rel8
Branch if Overflow Bit Clear (if V = 0)
REL
28 rr
PPP/P
1
PPP/P
1
– – – –
– – – –
BVS rel8
Branch if Overflow Bit Set (if V = 1)
REL
29 rr
PPP/P
1
PPP/P
1
– – – –
– – – –
CALL opr16a, page
CALL oprx0_xysp, page
CALL oprx9,xysp, page
CALL oprx16,xysp, page
CALL [D,xysp]
CALL [oprx16, xysp]
(SP) – 2
⇒ SP; RTNH:RTNL ⇒ M(SP):M(SP+1)
(SP) – 1
⇒ SP; (PPG) ⇒ M(SP);
pg
⇒ PPAGE register; Program address ⇒ PC
Call subroutine in extended memory
(Program may be located on another
expansion memory page.)
Indirect modes get program address
and new pg value based on pointer.
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
4A hh ll pg
4B xb pg
4B xb ff pg
4B xb ee ff pg
4B xb
4B xb ee ff
gnSsPPP
gnSsPPP
gnSsPPP
fgnSsPPP
fIignSsPPP
fIignSsPPP
gnfSsPPP
gnfSsPPP
gnfSsPPP
fgnfSsPPP
fIignSsPPP
fIignSsPPP
– – – –
– – – –
CBA
(A) – (B)
Compare 8-Bit Accumulators
INH
18 17
OO
OO
– – – –
∆ ∆ ∆ ∆
CLC
0
⇒ C
Translates to ANDCC #$FE
IMM
10 FE
PP
– – – –
– – – 0
CLI
0
⇒ I
Translates to ANDCC #$EF
(enables I-bit interrupts)
IMM
10 EF
PP
– – – 0
– – – –
CLR opr16a
CLR oprx0_xysp
CLR oprx9,xysp
CLR oprx16,xysp
CLR [D,xysp]
CLR [oprx16,xysp]
CLRA
CLRB
0
⇒ M
Clear Memory Location
0
⇒ A
Clear Accumulator A
0
⇒ B
Clear Accumulator B
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
INH
INH
79 hh ll
69 xb
69 xb ff
69 xb ee ff
69 xb
69 xb ee ff
87
C7
PwO
Pw
PwO
PwP
PIfw
PIPw
O
O
wOP
Pw
PwO
PwP
PIfPw
PIPPw
O
O
– – – –
0 1 0 0
CLV
0
⇒ V
Translates to ANDCC #$FD
IMM
10 FD
PP
– – – –
– – 0 –
Note 1. PPP/P indicates this instruction takes three cycles to refill the instruction queue if the branch is taken and one program fetch cycle if the branch is not taken.
CMPA #opr8i
CMPA opr8a
CMPA opr16a
CMPA oprx0_xysp
CMPA oprx9,xysp
CMPA oprx16,xysp
CMPA [D,xysp]
CMPA [oprx16,xysp]
(A) – (M)
Compare Accumulator A with Memory
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
81 ii
91 dd
B1 hh ll
A1 xb
A1 xb ff
A1 xb ee ff
A1 xb
A1 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ ∆ ∆
Table A-1. Instruction Set Summary (Sheet 3 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com