Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 379 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 379 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 375Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 376Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 377Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 378Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 379Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 380Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 381Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 382Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 383Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
379
Access Detail
Each code letter except (,), and comma equals one CPU cycle. Uppercase = 16-bit
operation and lowercase = 8-bit operation. For complex sequences see the CPU12
Reference Manual (CPU12RM/AD) for more detailed information.
qq
— High-order byte of a 16-bit relative offset for long branches.
tn
— Trap number $30–$39 or $40–$FF.
rr
— Signed relative offset $80 (–128) to $7F (
+127).
Offset relative to the byte following the relative offset byte, or
low-order byte of a 16-bit relative offset for long branches.
xb
— Indexed addressing post-byte. See Table A-3 on page 397
and Table A-4 on page 398.
f
— Free cycle, CPU doesn’t use bus
g
— Read PPAGE internally
I
— Read indirect pointer (indexed indirect)
i
— Read indirect PPAGE value (CALL indirect only)
n
— Write PPAGE internally
O
— Optional program word fetch (P) if instruction is misaligned and has
an odd number of bytes of object code — otherwise, appears as
a free cycle (f); Page 2 prebyte treated as a separate 1-byte instruction
P
— Program word fetch (always an aligned-word read)
r
— 8-bit data read
R
— 16-bit data read
s
— 8-bit stack write
S
— 16-bit stack write
w
— 8-bit data write
W
— 16-bit data write
u
— 8-bit stack read
U
— 16-bit stack read
V
— 16-bit vector fetch (always an aligned-word read)
t
— 8-bit conditional read (or free cycle)
T
— 16-bit conditional read (or free cycle)
x
— 8-bit conditional write (or free cycle)
()
— Indicate a microcode loop
,
— Indicates where an interrupt could be honored
Special Cases
PPP/P
— Short branch, PPP if branch taken, P if not
OPPP/OPO
— Long branch, OPPP if branch taken, OPO if not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com