Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 388 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 388 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 384Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 385Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 386Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 387Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 388Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 389Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 390Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 391Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 392Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
388
Freescale Semiconductor
LDY #opr16i
LDY opr8a
LDY opr16a
LDY oprx0_xysp
LDY oprx9,xysp
LDY oprx16,xysp
LDY [D,xysp]
LDY [oprx16,xysp]
(M:M+1)
⇒ Y
Load Index Register Y
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
CD jj kk
DD dd
FD hh ll
ED xb
ED xb ff
ED xb ee ff
ED xb
ED xb ee ff
PO
RPf
RPO
RPf
RPO
fRPP
fIfRPf
fIPRPf
OP
RfP
ROP
RfP
RPO
fRPP
fIfRfP
fIPRfP
– – – –
∆ ∆ 0 –
LEAS oprx0_xysp
LEAS oprx9,xysp
LEAS oprx16,xysp
Effective Address
⇒ SP
Load Effective Address into SP
IDX
IDX1
IDX2
1B xb
1B xb ff
1B xb ee ff
Pf
PO
PP
PP
1
PO
PP
– – – –
– – – –
LEAX oprx0_xysp
LEAX oprx9,xysp
LEAX oprx16,xysp
Effective Address
⇒ X
Load Effective Address into X
IDX
IDX1
IDX2
1A xb
1A xb ff
1A xb ee ff
Pf
PO
PP
PP
1
PO
PP
– – – –
– – – –
LEAY oprx0_xysp
LEAY oprx9,xysp
LEAY oprx16,xysp
Effective Address
⇒ Y
Load Effective Address into Y
IDX
IDX1
IDX2
19 xb
19 xb ff
19 xb ee ff
Pf
PO
PP
PP
1
PO
PP
– – – –
– – – –
LSL opr16a
LSL oprx0_xysp
LSL oprx9,xysp
LSL oprx16,xysp
LSL [D,xysp]
LSL [oprx16,xysp]
LSLA
LSLB
Logical Shift Left
same function as ASL
Logical Shift Accumulator A to Left
Logical Shift Accumulator B to Left
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
INH
INH
78 hh ll
68 xb
68 xb ff
68 xb ee ff
68 xb
68 xb ee ff
48
58
rPwO
rPw
rPwO
frPPw
fIfrPw
fIPrPw
O
O
rOPw
rPw
rPOw
frPPw
fIfrPw
fIPrPw
O
O
– – – –
∆ ∆ ∆ ∆
LSLD
Logical Shift Left D Accumulator
same function as ASLD
INH
59
OO
– – – –
∆ ∆ ∆ ∆
LSR opr16a
LSR oprx0_xysp
LSR oprx9,xysp
LSR oprx16,xysp
LSR [D,xysp]
LSR [oprx16,xysp]
LSRA
LSRB
Logical Shift Right
Logical Shift Accumulator A to Right
Logical Shift Accumulator B to Right
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
INH
INH
74 hh ll
64 xb
64 xb ff
64 xb ee ff
64 xb
64 xb ee ff
44
54
rPwO
rPw
rPwO
frPwP
fIfrPw
fIPrPw
O
O
rOPw
rPw
rPOw
frPPw
fIfrPw
fIPrPw
O
O
– – – –
0
∆ ∆ ∆
LSRD
Logical Shift Right D Accumulator
INH
49
OO
– – – –
0
∆ ∆ ∆
MAXA oprx0_xysp
MAXA oprx9,xysp
MAXA oprx16,xysp
MAXA [D,xysp]
MAXA [oprx16,xysp]
MAX((A), (M))
⇒ A
MAX of 2 Unsigned 8-Bit Values
N, Z, V and C status bits reflect result of
internal compare ((A) – (M)).
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 18 xb
18 18 xb ff
18 18 xb ee ff
18 18 xb
18 18 xb ee ff
OrPf
OrPO
OfrPP
OfIfrPf
OfIPrPf
OrfP
OrPO
OfrPP
OfIfrfP
OfIPrfP
– – – –
∆ ∆ ∆ ∆
Note 1. Due to internal CPU requirements, the program word fetch is performed twice to the same address during this instruction.
MAXM oprx0_xysp
MAXM oprx9,xysp
MAXM oprx16,xysp
MAXM [D,xysp]
MAXM [oprx16,xysp]
MAX((A), (M))
⇒ M
MAX of 2 Unsigned 8-Bit Values
N, Z, V and C status bits reflect result of
internal compare ((A) – (M)).
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 1C xb
18 1C xb ff
18 1C xb ee ff
18 1C xb
18 1C xb ee ff
OrPw
OrPwO
OfrPwP
OfIfrPw
OfIPrPw
OrPw
OrPwO
OfrPwP
OfIfrPw
OfIPrPw
– – – –
∆ ∆ ∆ ∆
MEM
µ (grade) ⇒ M(Y);
(X) + 4
⇒ X; (Y) + 1 ⇒ Y; A unchanged
if (A) < P1 or (A) > P2 then
µ = 0, else
µ = MIN[((A) – P1)×S1, (P2 – (A))×S2, $FF]
where:
A = current crisp input value;
X points at 4-byte data structure that describes a trapezoidal
membership function (P1, P2, S1, S2);
Y points at fuzzy input (RAM location).
See CPU12 Reference Manual for special cases.
Special
01
RRfOw
RRfOw
– – ? –
? ? ? ?
Table A-1. Instruction Set Summary (Sheet 8 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12
C
0
b7
b0
C
0
b7
b0
A
B
b7
b0
C
0
b7
b0
C
0
b7
b0
A
B
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com