Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 389 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 389 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 385Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 386Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 387Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 388Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 389Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 390Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 391Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 392Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 393Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
389
MINA oprx0_xysp
MINA oprx9,xysp
MINA oprx16,xysp
MINA [D,xysp]
MINA [oprx16,xysp]
MIN((A), (M))
⇒ A
MIN of 2 Unsigned 8-Bit Values
N, Z, V and C status bits reflect result of
internal compare ((A) – (M)).
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 19 xb
18 19 xb ff
18 19 xb ee ff
18 19 xb
18 19 xb ee ff
OrPf
OrPO
OfrPP
OfIfrPf
OfIPrPf
OrfP
OrPO
OfrPP
OfIfrfP
OfIPrfP
– – – –
∆ ∆ ∆ ∆
MINM oprx0_xysp
MINM oprx9,xysp
MINM oprx16,xysp
MINM [D,xysp]
MINM [oprx16,xysp]
MIN((A), (M))
⇒ M
MIN of 2 Unsigned 8-Bit Values
N, Z, V and C status bits reflect result of
internal compare ((A) – (M)).
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 1D xb
18 1D xb ff
18 1D xb ee ff
18 1D xb
18 1D xb ee ff
OrPw
OrPwO
OfrPwP
OfIfrPw
OfIPrPw
OrPw
OrPwO
OfrPwP
OfIfrPw
OfIPrPw
– – – –
∆ ∆ ∆ ∆
MOVB #opr8, opr16a1
MOVB #opr8i, oprx0_xysp1
MOVB opr16a, opr16a1
MOVB opr16a, oprx0_xysp1
MOVB oprx0_xysp, opr16a1
MOVB oprx0_xysp, oprx0_xysp1
(M1) ⇒ M2
Memory to Memory Byte-Move (8-Bit)
IMM-EXT
IMM-IDX
EXT-EXT
EXT-IDX
IDX-EXT
IDX-IDX
18 0B ii hh ll
18 08 xb ii
18 0C hh ll hh ll
18 09 xb hh ll
18 0D xb hh ll
18 0A xb xb
OPwP
OPwO
OrPwPO
OPrPw
OrPwP
OrPwO
OPwP
OPwO
OrPwPO
OPrPw
OrPwP
OrPwO
– – – –
– – – –
MOVW #oprx16, opr16a1
MOVW #opr16i, oprx0_xysp1
MOVW opr16a, opr16a1
MOVW opr16a, oprx0_xysp1
MOVW oprx0_xysp, opr16a1
MOVW oprx0_xysp, oprx0_xysp1
(M:M+11) ⇒ M:M+12
Memory to Memory Word-Move (16-Bit)
IMM-EXT
IMM-IDX
EXT-EXT
EXT-IDX
IDX-EXT
IDX-IDX
18 03 jj kk hh ll
18 00 xb jj kk
18 04 hh ll hh ll
18 01 xb hh ll
18 05 xb hh ll
18 02 xb xb
OPWPO
OPPW
ORPWPO
OPRPW
ORPWP
ORPWO
OPWPO
OPPW
ORPWPO
OPRPW
ORPWP
ORPWO
– – – –
– – – –
MUL
(A)
× (B) ⇒ A:B
8 by 8 Unsigned Multiply
INH
12
O
ffO
– – – –
– – –
∆
NEG opr16a
NEG oprx0_xysp
NEG oprx9,xysp
NEG oprx16,xysp
NEG [D,xysp]
NEG [oprx16,xysp]
NEGA
NEGB
0 – (M)
⇒ M equivalent to (M) + 1 ⇒ M
Two’s Complement Negate
0 – (A)
⇒ A equivalent to (A) + 1 ⇒ A
Negate Accumulator A
0 – (B)
⇒ B equivalent to (B) + 1 ⇒ B
Negate Accumulator B
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
INH
INH
70 hh ll
60 xb
60 xb ff
60 xb ee ff
60 xb
60 xb ee ff
40
50
rPwO
rPw
rPwO
frPwP
fIfrPw
fIPrPw
O
O
rOPw
rPw
rPOw
frPPw
fIfrPw
fIPrPw
O
O
– – – –
∆ ∆ ∆ ∆
NOP
No Operation
INH
A7
OO
– – – –
– – – –
ORAA #opr8i
ORAA opr8a
ORAA opr16a
ORAA oprx0_xysp
ORAA oprx9,xysp
ORAA oprx16,xysp
ORAA [D,xysp]
ORAA [oprx16,xysp]
(A)
+ (M) ⇒ A
Logical OR A with Memory
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
8A ii
9A dd
BA hh ll
AA xb
AA xb ff
AA xb ee ff
AA xb
AA xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ 0 –
Note 1. The first operand in the source code statement specifies the source for the move.
ORAB #opr8i
ORAB opr8a
ORAB opr16a
ORAB oprx0_xysp
ORAB oprx9,xysp
ORAB oprx16,xysp
ORAB [D,xysp]
ORAB [oprx16,xysp]
(B)
+ (M) ⇒ B
Logical OR B with Memory
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
CA ii
DA dd
FA hh ll
EA xb
EA xb ff
EA xb ee ff
EA xb
EA xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ 0 –
ORCC #opr8i
(CCR)
+ M ⇒ CCR
Logical OR CCR with Memory
IMM
14 ii
PP
⇑ – ⇑ ⇑ ⇑ ⇑ ⇑ ⇑
PSHA
(SP) – 1
⇒ SP; (A) ⇒ M(SP)
Push Accumulator A onto Stack
INH
36
Os
Os
– – – –
– – – –
PSHB
(SP) – 1
⇒ SP; (B) ⇒ M(SP)
Push Accumulator B onto Stack
INH
37
Os
Os
– – – –
– – – –
PSHC
(SP) – 1
⇒ SP; (CCR) ⇒ M(SP)
Push CCR onto Stack
INH
39
Os
Os
– – – –
– – – –
PSHD
(SP) – 2
⇒ SP; (A:B) ⇒ M(SP):M(SP+1)
Push D Accumulator onto Stack
INH
3B
OS
OS
– – – –
– – – –
PSHX
(SP) – 2
⇒ SP; (XH:XL) ⇒ M(SP):M(SP+1)
Push Index Register X onto Stack
INH
34
OS
OS
– – – –
– – – –
PSHY
(SP) – 2
⇒ SP; (YH:YL) ⇒ M(SP):M(SP+1)
Push Index Register Y onto Stack
INH
35
OS
OS
– – – –
– – – –
Table A-1. Instruction Set Summary (Sheet 9 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com