Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 392 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 392 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 388Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 389Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 390Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 391Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 392Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 393Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 394Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 395Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 396Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
392
Freescale Semiconductor
STS opr8a
STS opr16a
STS oprx0_xysp
STS oprx9,xysp
STS oprx16,xysp
STS [D,xysp]
STS [oprx16,xysp]
(SPH:SPL) ⇒ M:M+1
Store Stack Pointer
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
5F dd
7F hh ll
6F xb
6F xb ff
6F xb ee ff
6F xb
6F xb ee ff
PW
PWO
PW
PWO
PWP
PIfW
PIPW
PW
WOP
PW
PWO
PWP
PIfPW
PIPPW
– – – –
∆ ∆ 0 –
STX opr8a
STX opr16a
STX oprx0_xysp
STX oprx9,xysp
STX oprx16,xysp
STX [D,xysp]
STX [oprx16,xysp]
(XH:XL) ⇒ M:M+1
Store Index Register X
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
5E dd
7E hh ll
6E xb
6E xb ff
6E xb ee ff
6E xb
6E xb ee ff
PW
PWO
PW
PWO
PWP
PIfW
PIPW
PW
WOP
PW
PWO
PWP
PIfPW
PIPPW
– – – –
∆ ∆ 0 –
STY opr8a
STY opr16a
STY oprx0_xysp
STY oprx9,xysp
STY oprx16,xysp
STY [D,xysp]
STY [oprx16,xysp]
(YH:YL) ⇒ M:M+1
Store Index Register Y
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
5D dd
7D hh ll
6D xb
6D xb ff
6D xb ee ff
6D xb
6D xb ee ff
PW
PWO
PW
PWO
PWP
PIfW
PIPW
PW
WOP
PW
PWO
PWP
PIfPW
PIPPW
– – – –
∆ ∆ 0 –
SUBA #opr8i
SUBA opr8a
SUBA opr16a
SUBA oprx0_xysp
SUBA oprx9,xysp
SUBA oprx16,xysp
SUBA [D,xysp]
SUBA [oprx16,xysp]
(A) – (M)
⇒ A
Subtract Memory from Accumulator A
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
80 ii
90 dd
B0 hh ll
A0 xb
A0 xb ff
A0 xb ee ff
A0 xb
A0 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ ∆ ∆
SUBB #opr8i
SUBB opr8a
SUBB opr16a
SUBB oprx0_xysp
SUBB oprx9,xysp
SUBB oprx16,xysp
SUBB [D,xysp]
SUBB [oprx16,xysp]
(B) – (M)
⇒ B
Subtract Memory from Accumulator B
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
C0 ii
D0 dd
F0 hh ll
E0 xb
E0 xb ff
E0 xb ee ff
E0 xb
E0 xb ee ff
P
rPf
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
P
rfP
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
– – – –
∆ ∆ ∆ ∆
SUBD #opr16i
SUBD opr8a
SUBD opr16a
SUBD oprx0_xysp
SUBD oprx9,xysp
SUBD oprx16,xysp
SUBD [D,xysp]
SUBD [oprx16,xysp]
(D) – (M:M+1)
⇒ D
Subtract Memory from D (A:B)
IMM
DIR
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
83 jj kk
93 dd
B3 hh ll
A3 xb
A3 xb ff
A3 xb ee ff
A3 xb
A3 xb ee ff
PO
RPf
RPO
RPf
RPO
fRPP
fIfRPf
fIPRPf
OP
RfP
ROP
RfP
RPO
fRPP
fIfRfP
fIPRfP
– – – –
∆ ∆ ∆ ∆
SWI
(SP) – 2
⇒ SP;
RTNH:RTNL ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (YH:YL) ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (XH:XL) ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (B:A) ⇒ M(SP):M(SP+1);
(SP) – 1
⇒ SP; (CCR) ⇒ M(SP)
1
⇒ I; (SWI Vector) ⇒ PC
Software Interrupt
INH
3F
VSPSSPSsP*
VSPSSPSsP*
– – – 1
– – – –
(for Reset)
1 1 – 1
– – – –
VfPPP
VfPPP
*The CPU also uses the SWI microcode sequence for hardware interrupts and unimplemented opcode traps. Reset uses the VfPPP variation of this sequence.
TAB
(A)
⇒ B
Transfer A to B
INH
18 0E
OO
OO
– – – –
∆ ∆ 0 –
TAP
(A)
⇒ CCR
Translates to TFR A , CCR
INH
B7 02
PP
∆ ⇓ ∆ ∆ ∆ ∆ ∆ ∆
TBA
(B)
⇒ A
Transfer B to A
INH
18 0F
OO
OO
– – – –
∆ ∆ 0 –
TBEQ abdxys,rel9
If (cntr) = 0, then Branch;
else Continue to next instruction
Test Counter and Branch if Zero
(cntr = A, B, D, X,Y, or SP)
REL
(9-bit)
04 lb rr
PPP (branch)
PPO (no
branch)
PPP
– – – –
– – – –
Table A-1. Instruction Set Summary (Sheet 12 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com