Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 396 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 396 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 392Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 393Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 394Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 395Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 396Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 397Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 398Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 399Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 400Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 452 page
background image
* The opcode $04 (on sheet 1 of 2) corresponds to one of the loop primitive instructions DBEQ, DBNE, IBEQ, IBNE, TBEQ, or TBNE.
† Refer to instruction summary for more information.
‡ Refer to instruction summary for different HC12 cycle count.
Page 2
: When the CPU encounters a page 2 opcode ($18 on page 1 of the opcode map), it treats the next byte of object code as a page 2 instruction opcode.
00
4
MOVW
IM-ID
5
10
12
IDIV
IH
2
20
4
LBRA
RL
4
30
10
TRAP
IH
2
40
10
TRAP
IH
2
50
10
TRAP
IH
2
60
10
TRAP
IH
2
70
10
TRAP
IH
2
80
10
TRAP
IH
2
90
10
TRAP
IH
2
A0
10
TRAP
IH
2
B0
10
TRAP
IH
2
C0
10
TRAP
IH
2
D0
10
TRAP
IH
2
E0
10
TRAP
IH
2
F0
10
TRAP
IH
2
01
5
MOVW
EX-ID
5
11
12
FDIV
IH
2
21
3
LBRN
RL
4
31
10
TRAP
IH
2
41
10
TRAP
IH
2
51
10
TRAP
IH
2
61
10
TRAP
IH
2
71
10
TRAP
IH
2
81
10
TRAP
IH
2
91
10
TRAP
IH
2
A1
10
TRAP
IH
2
B1
10
TRAP
IH
2
C1
10
TRAP
IH
2
D1
10
TRAP
IH
2
E1
10
TRAP
IH
2
F1
10
TRAP
IH
2
02
5
MOVW
ID-ID
4
12
13
EMACS
SP
4
22
4/3
LBHI
RL
4
32
10
TRAP
IH
2
42
10
TRAP
IH
2
52
10
TRAP
IH
2
62
10
TRAP
IH
2
72
10
TRAP
IH
2
82
10
TRAP
IH
2
92
10
TRAP
IH
2
A2
10
TRAP
IH
2
B2
10
TRAP
IH
2
C2
10
TRAP
IH
2
D2
10
TRAP
IH
2
E2
10
TRAP
IH
2
F2
10
TRAP
IH
2
03
5
MOVW
IM-EX
6
13
3
EMULS
IH
2
23
4/3
LBLS
RL
4
33
10
TRAP
IH
2
43
10
TRAP
IH
2
53
10
TRAP
IH
2
63
10
TRAP
IH
2
73
10
TRAP
IH
2
83
10
TRAP
IH
2
93
10
TRAP
IH
2
A3
10
TRAP
IH
2
B3
10
TRAP
IH
2
C3
10
TRAP
IH
2
D3
10
TRAP
IH
2
E3
10
TRAP
IH
2
F3
10
TRAP
IH
2
04
6
MOVW
EX-EX
6
14
12
EDIVS
IH
2
24
4/3
LBCC
RL
4
34
10
TRAP
IH
2
44
10
TRAP
IH
2
54
10
TRAP
IH
2
64
10
TRAP
IH
2
74
10
TRAP
IH
2
84
10
TRAP
IH
2
94
10
TRAP
IH
2
A4
10
TRAP
IH
2
B4
10
TRAP
IH
2
C4
10
TRAP
IH
2
D4
10
TRAP
IH
2
E4
10
TRAP
IH
2
F4
10
TRAP
IH
2
05
5
MOVW
ID-EX
5
15
12
IDIVS
IH
2
25
4/3
LBCS
RL
4
35
10
TRAP
IH
2
45
10
TRAP
IH
2
55
10
TRAP
IH
2
65
10
TRAP
IH
2
75
10
TRAP
IH
2
85
10
TRAP
IH
2
95
10
TRAP
IH
2
A5
10
TRAP
IH
2
B5
10
TRAP
IH
2
C5
10
TRAP
IH
2
D5
10
TRAP
IH
2
E5
10
TRAP
IH
2
F5
10
TRAP
IH
2
06
2
ABA
IH
2
16
2
SBA
IH
2
26
4/3
LBNE
RL
4
36
10
TRAP
IH
2
46
10
TRAP
IH
2
56
10
TRAP
IH
2
66
10
TRAP
IH
2
76
10
TRAP
IH
2
86
10
TRAP
IH
2
96
10
TRAP
IH
2
A6
10
TRAP
IH
2
B6
10
TRAP
IH
2
C6
10
TRAP
IH
2
D6
10
TRAP
IH
2
E6
10
TRAP
IH
2
F6
10
TRAP
IH
2
07
3
DAA
IH
2
17
2
CBA
IH
2
27
4/3
LBEQ
RL
4
37
10
TRAP
IH
2
47
10
TRAP
IH
2
57
10
TRAP
IH
2
67
10
TRAP
IH
2
77
10
TRAP
IH
2
87
10
TRAP
IH
2
97
10
TRAP
IH
2
A7
10
TRAP
IH
2
B7
10
TRAP
IH
2
C7
10
TRAP
IH
2
D7
10
TRAP
IH
2
E7
10
TRAP
IH
2
F7
10
TRAP
IH
2
08
4
MOVB
IM-ID
4
18
4-7
MAXA
ID
3-5
28
4/3
LBVC
RL
4
38
10
TRAP
IH
2
48
10
TRAP
IH
2
58
10
TRAP
IH
2
68
10
TRAP
IH
2
78
10
TRAP
IH
2
88
10
TRAP
IH
2
98
10
TRAP
IH
2
A8
10
TRAP
IH
2
B8
10
TRAP
IH
2
C8
10
TRAP
IH
2
D8
10
TRAP
IH
2
E8
10
TRAP
IH
2
F8
10
TRAP
IH
2
09
5
MOVB
EX-ID
5
19
4-7
MINA
ID
3-5
29
4/3
LBVS
RL
4
39
10
TRAP
IH
2
49
10
TRAP
IH
2
59
10
TRAP
IH
2
69
10
TRAP
IH
2
79
10
TRAP
IH
2
89
10
TRAP
IH
2
99
10
TRAP
IH
2
A9
10
TRAP
IH
2
B9
10
TRAP
IH
2
C9
10
TRAP
IH
2
D9
10
TRAP
IH
2
E9
10
TRAP
IH
2
F9
10
TRAP
IH
2
0A
5
MOVB
ID-ID
4
1A
4-7
EMAXD
ID
3-5
2A
4/3
LBPL
RL
4
3A
†3n
REV
SP
2
4A
10
TRAP
IH
2
5A
10
TRAP
IH
2
6A
10
TRAP
IH
2
7A
10
TRAP
IH
2
8A
10
TRAP
IH
2
9A
10
TRAP
IH
2
AA
10
TRAP
IH
2
BA
10
TRAP
IH
2
CA
10
TRAP
IH
2
DA
10
TRAP
IH
2
EA
10
TRAP
IH
2
FA
10
TRAP
IH
2
0B
4
MOVB
IM-EX
5
1B
4-7
EMIND
ID
3-5
2B
4/3
LBMI
RL
4
3B †5n/3n
REVW
SP
2
4B
10
TRAP
IH
2
5B
10
TRAP
IH
2
6B
10
TRAP
IH
2
7B
10
TRAP
IH
2
8B
10
TRAP
IH
2
9B
10
TRAP
IH
2
AB
10
TRAP
IH
2
BB
10
TRAP
IH
2
CB
10
TRAP
IH
2
DB
10
TRAP
IH
2
EB
10
TRAP
IH
2
FB
10
TRAP
IH
2
0C
6
MOVB
EX-EX
6
1C
4-7
MAXM
ID
3-5
2C
4/3
LBGE
RL
4
3C
‡†7B
WAV
SP
2
4C
10
TRAP
IH
2
5C
10
TRAP
IH
2
6C
10
TRAP
IH
2
7C
10
TRAP
IH
2
8C
10
TRAP
IH
2
9C
10
TRAP
IH
2
AC
10
TRAP
IH
2
BC
10
TRAP
IH
2
CC
10
TRAP
IH
2
DC
10
TRAP
IH
2
EC
10
TRAP
IH
2
FC
10
TRAP
IH
2
0D
5
MOVB
ID-EX
5
1D
D4-7
MINM
ID
3-5
2D
4/3
LBLT
RL
4
3D
‡6
TBL
ID
3
4D
10
TRAP
IH
2
5D
10
TRAP
IH
2
6D
10
TRAP
IH
2
7D
10
TRAP
IH
2
8D
10
TRAP
IH
2
9D
10
TRAP
IH
2
AD
10
TRAP
IH
2
BD
10
TRAP
IH
2
CD
10
TRAP
IH
2
DD
10
TRAP
IH
2
ED
10
TRAP
IH
2
FD
10
TRAP
IH
2
0E
2
TAB
IH
2
1E
4-7
EMAXM
ID
3-5
2E
4/3
LBGT
RL
4
3E
‡8
STOP
IH
2
4E
10
TRAP
IH
2
5E
10
TRAP
IH
2
6E
10
TRAP
IH
2
7E
10
TRAP
IH
2
8E
10
TRAP
IH
2
9E
10
TRAP
IH
2
AE
10
TRAP
IH
2
BE
10
TRAP
IH
2
CE
10
TRAP
IH
2
DE
10
TRAP
IH
2
EE
10
TRAP
IH
2
FE
10
TRAP
IH
2
0F
2
TBA
IH
2
1F
4-7
EMINM
ID
3-5
2F
4/3
LBLE
RL
4
3F
10
ETBL
ID
3
4F
10
TRAP
IH
2
5F
10
TRAP
IH
2
6F
10
TRAP
IH
2
7F
10
TRAP
IH
2
8F
10
TRAP
IH
2
9F
10
TRAP
IH
2
AF
10
TRAP
IH
2
BF
10
TRAP
IH
2
CF
10
TRAP
IH
2
DF
10
TRAP
IH
2
EF
10
TRAP
IH
2
FF
10
TRAP
IH
2
Table A-2. CPU12 Opcode Map (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com