Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 393 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 393 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 389Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 390Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 391Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 392Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 393Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 394Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 395Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 396Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 397Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
393
TBL oprx0_xysp
(M) + [(B)
× ((M+1) – (M))] ⇒ A
8-Bit Table Lookup and Interpolate
Initialize B, and index before TBL.
<ea> points at first 8-bit table entry (M) and B is fractional part
of lookup value.
(no indirect addressing modes or extensions allowed)
IDX
18 3D xb
ORfffP
OrrffffP
– – – –
∆ ∆ – ∆
?
C Bit is undefined
in HC12
TBNE abdxys,rel9
If (cntr) not = 0, then Branch;
else Continue to next instruction
Test Counter and Branch if Not Zero
(cntr = A, B, D, X,Y, or SP)
REL
(9-bit)
04 lb rr
PPP (branch)
PPO (no
branch)
PPP
– – – –
– – – –
TFR abcdxys,abcdxys
(r1)
⇒ r2 or
$00:(r1)
⇒ r2 or
(r1[7:0])
⇒ r2
Transfer Register to Register
r1 and r2 may be A, B, CCR, D, X, Y, or SP
INH
B7 eb
PP
– – – –
– – – –
or
∆ ⇓ ∆ ∆ ∆ ∆ ∆ ∆
TPA
(CCR)
⇒ A
Translates to TFR CCR ,A
INH
B7 20
PP
– – – –
– – – –
TRAP trapnum
(SP) – 2
⇒ SP;
RTNH:RTNL ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (YH:YL) ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (XH:XL) ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (B:A) ⇒ M(SP):M(SP+1);
(SP) – 1
⇒ SP; (CCR) ⇒ M(SP)
1
⇒ I; (TRAP Vector) ⇒ PC
Unimplemented opcode trap
INH
18 tn
tn = $30–$39
or
$40–$FF
OVSPSSPSsP
OfVSPSSPSsP
– – – 1
– – – –
TST opr16a
TST oprx0_xysp
TST oprx9,xysp
TST oprx16,xysp
TST [D,xysp]
TST [oprx16,xysp]
TSTA
TSTB
(M) – 0
Test Memory for Zero or Minus
(A) – 0
Test A for Zero or Minus
(B) – 0
Test B for Zero or Minus
EXT
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
INH
INH
F7 hh ll
E7 xb
E7 xb ff
E7 xb ee ff
E7 xb
E7 xb ee ff
97
D7
rPO
rPf
rPO
frPP
fIfrPf
fIPrPf
O
O
rOP
rfP
rPO
frPP
fIfrfP
fIPrfP
O
O
– – – –
∆ ∆ 0 0
TSX
(SP)
⇒ X
Translates to TFR SP,X
INH
B7 75
PP
– – – –
– – – –
TSY
(SP)
⇒ Y
Translates to TFR SP,Y
INH
B7 76
PP
– – – –
– – – –
TXS
(X)
⇒ SP
Translates to TFR X,SP
INH
B7 57
PP
– – – –
– – – –
TYS
(Y)
⇒ SP
Translates to TFR Y,SP
INH
B7 67
PP
– – – –
– – – –
WAI
(SP) – 2
⇒ SP;
RTNH:RTNL ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (YH:YL) ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (XH:XL) ⇒ M(SP):M(SP+1);
(SP) – 2
⇒ SP; (B:A) ⇒ M(SP):M(SP+1);
(SP) – 1
⇒ SP; (CCR) ⇒ M(SP);
WAIT for interrupt
INH
3E
OSSSSsf
OSSSfSsf
– – – –
– – – –
(after interrupt)
or
fVfPPP
VfPPP
– – – 1
– – – –
or
– 1 – 1
– – – –
Table A-1. Instruction Set Summary (Sheet 13 of 14)
Source Form
Operation
Addr.
Mode
Machine
Coding (hex)
Access Detail
S X H I
N Z V C
HCS12
M68HC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com