Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 406 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 406 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 402Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 403Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 404Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 405Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 406Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 407Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 408Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 409Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 410Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
406
Freescale Semiconductor
Instruction set changes offset each other to a certain extent. Programming
style also affects the rate at which instructions appear. As a test, the
BUFFALO monitor, an 8-Kbyte M68HC11 assembly code program, was
reassembled for the CPU12. The resulting object code is six bytes smaller
than the M68HC11 code. It is fair to conclude that M68HC11 code can be
reassembled with very little change in size.
The relative size of code for M68HC11 vs. code for CPU12 has also been
tested by rewriting several smaller programs from scratch. In these cases,
the CPU12 code is typically about 30 percent smaller. These savings are
mostly due to improved indexed addressing.
It seems useful to mention the results of size comparisons done on C
programs. A C program compiled for the CPU12 is about 30 percent smaller
than the same program compiled for the M68HC11. The savings are largely
due to better indexing.
Table B-2. Instructions with Smaller Object Code
Instruction
Comments
DEY
INY
Page 2 opcodes in M68HC11 but page 1 in CPU12
INST n,Y
For values of n less than 16 (the majority of cases). Were on page 2,
now are on page 1. Applies to BSET, BCLR, BRSET, BRCLR, NEG,
COM, LSR, ROR, ASR, ASL, ROL, DEC, INC, TST, JMP, CLR,
SUB, CMP, SBC, SUBD, ADDD, AND, BIT, LDA, STA, EOR, ADC,
ORA, ADD, JSR, LDS, and STS. If X is the index reference and the
offset is greater than 15 (much less frequent than offsets of 0, 1, and
2), the CPU12 instruction assembles to one byte more of object code
than the equivalent M68HC11 instruction.
PSHY
PULY
Were on page 2, now are on page 1
LDY
STY
CPY
Were on page 2, now are on page 1
CPY n,Y
LDY n,Y
STY n,Y
For values of n less than 16 (the majority of cases); were on page 3,
now are on page 1
CPD
Was on page 2, 3, or 4, now on page 1. In the case of indexed with
offset greater than 15, CPU12 and M68HC11 object code are the
same size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com