Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 410 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 410 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 406Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 407Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 408Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 409Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 410Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 411Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 412Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 413Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 414Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
410
Freescale Semiconductor
the sequence of operations is: SP = SP + 1; load X from $01F1:01F2; SP =
SP + 1; and the SP ends up at $01F2. With the last-used CPU12 stack, if
the SP = $01F0 when execution begins, the sequence is: load X from
$01F0:01F1; SP = SP + 2; and the SP again ends up at $01F2. The second
sequence requires one less stack pointer adjustment.
The stack pointer change also affects operation of the TSX and TXS
instructions. In the M68HC11, TSX increments the SP by one during the
transfer. This adjustment causes the X index to point to the last stack
location used. The TXS instruction operates similarly, except that it
decrements the SP by one during the transfer. CPU12 TSX and TXS
instructions are ordinary transfers — the CPU12 stack requires no
adjustment.
For ordinary use of the stack, such as pushes, pulls, and even
manipulations involving TSX and TXS, there are no differences in the way
the M68HC11 and the CPU12 stacks look to a programmer. However, the
stack change can affect a program algorithm in two subtle ways.
The LDS #$xxxx instruction is normally used to initialize the stack pointer at
the start of a program. In the M68HC11, the address specified in the LDS
instruction is the first stack location used. In the CPU12, however, the first
stack location used is one address lower than the address specified in the
LDS instruction. Since the stack builds downward, M68HC11 programs
reassembled for the CPU12 operate normally, but the program stack is one
physical address lower in memory.
In very uncommon situations, such as test programs used to verify CPU
operation, a program could initialize the SP, stack data, and then read the
stack via an extended mode read (it is normally improper to read stack data
from an absolute extended address). To make an M68HC11 source
program that contains such a sequence work on the CPU12, change either
the initial LDS #$xxxx or the absolute extended address used to read the
stack.
B.6 Improved Indexing
The CPU12 has significantly improved indexed addressing capability, yet
retains compatibility with the M68HC11. The one cycle and one byte cost of
doing Y-related indexing in the M68HC11 has been eliminated. In addition,
high-level language requirements, including stack relative indexing and the
ability to perform pointer arithmetic directly in the index registers, have been
accommodated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com