Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 412 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 412 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 408Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 409Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 410Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 411Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 412Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 413Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 414Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 415Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 416Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
412
Freescale Semiconductor
B.6.1 Constant Offset Indexing
The CPU12 offers three variations of constant offset indexing to optimize
the efficiency of object code generation.
The most common constant offset is 0. Offsets of 1, 2, 3, 4 are used fairly
often, but with less frequency than 0.
The 5-bit constant offset variation covers the most frequent indexing
requirements by including the offset in the postbyte. This reduces a load
accumulator indexed instruction to two bytes of object code, and matches
the object code size of the smallest M68HC11 indexed instructions, which
can only use X as the index register. The CPU12 can use X, Y, SP, or PC
as the index reference with no additional object code size cost.
The signed 9-bit constant offset indexing mode covers the same positive
range as the M68HC11 8-bit unsigned offset. The size was increased to
nine bits with the sign bit (ninth bit) included in the postbyte, and the
remaining 8 bits of the offset in a single extension byte.
The 16-bit constant offset indexing mode allows indexed access to the
entire normal 64-Kbyte address space. Since the address consists of 16
bits, the 16-bit offset can be regarded as a signed (–32,768 to +32,767) or
unsigned (0 to 65,535) value. In 16-bit constant offset mode, the offset is
supplied in two extension bytes after the opcode and postbyte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com