Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 415 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 415 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 411Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 412Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 413Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 414Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 415Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 416Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 417Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 418Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 419Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
415
B.7 Improved Performance
The HCS12 uses a system-on-a-chip (SoC) design methodology and is
normally implemented in a 0.25
µ FLASH process. HCS12 devices can
operate at up to 25 MHz and are designed to be migrated easily to faster,
smaller silicon process technologies as they are developed.
The M68HC12 improves on M68HC11 performance in several ways.
M68HC12 devices are designed using sub-micron design rules and
fabricated using advanced semiconductor processing, the same methods
used to manufacture the M68HC16 and M68300 Families of modular
microcontrollers. M68HC12 devices have a base bus speed of 8 MHz and
are designed to operate over a wide range of supply voltages.
The 16-bit wide architecture of the CPU12 also increases performance.
Beyond these obvious improvements, the CPU12 uses a reduced number
of cycles for many of its instructions, and a 20-bit ALU makes certain CPU12
math operations much faster.
B.7.1 Reduced Cycle Counts
No M68HC11 instruction takes less than two cycles, but the CPU12 has
more than 50 opcodes that take only one cycle. Some of the reduction
comes from the instruction queue, which ensures that several program
bytes are available at the start of each instruction. Other cycle reductions
occur because the CPU12 can fetch 16 bits of information at a time, rather
than eight bits at a time.
B.7.2 Fast Math
The CPU12 has some of the fastest math ever designed into a Freescale
general-purpose MCU. Much of the speed is due to a 20-bit ALU that can
perform two smaller operations simultaneously. The ALU can also perform
two operations in a single bus cycle in certain cases.
Table B-3 compares the speed of CPU12 and M68HC11 math instructions.
The CPU12 requires fewer cycles to perform an operation, and the cycle
time is considerably faster than that of the M68HC11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com