Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 416 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 416 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 412Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 413Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 414Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 415Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 416Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 417Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 418Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 419Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 420Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
416
Freescale Semiconductor
The IDIVS instruction is included specifically for C compilers, where
word-sized operands are divided to produce a word-sized result (unlike the
32
÷ 16 = 16 EDIV). The EMUL and EMULS instructions place the result in
registers so a C compiler can choose to use only 16 bits of the 32-bit result.
B.7.3 Code Size Reduction
CPU12 assembly language programs written from scratch tend to be
30 percent smaller than equivalent programs written for the M68HC11. This
figure has been independently qualified by Freescale programmers and an
independent C compiler vendor. The major contributors to the reduction
appear to be improved indexed addressing and the universal
transfer/exchange instruction.
In some specialized areas, the reduction is much greater. A fuzzy logic
inference kernel requires about 250 bytes in the M68HC11, and the same
program for the CPU12 requires about 50 bytes. The CPU12 fuzzy logic
Table B-3. Comparison of Math Instruction Speeds
Instruction
Mnemonic
Math
Operation
M68HC11
1 Cycle = 250 ns
M68HC11
With Coprocessor
1 Cycle = 250 ns
CPU12
1 Cycle = 40 ns
(125 ns in M68HC12)
MUL
8
× 8 = 16
(signed)
10 cycles
—
3 cycles
EMUL
16
× 16 = 32
(unsigned)
—
20 cycles
3 cycles
EMULS
16
× 16 = 32
(signed)
—
20 cycles
3 cycles
IDIV
16
÷ 16 = 16
(unsigned)
41 cycles
—
12 cycles
FDIV
16
÷ 16 = 16
(fractional)
41 cycles
—
12 cycles
EDIV
32
÷ 16 = 16
(unsigned)
—
33 cycles
11 cycles
EDIVS
32
÷ 16 = 16
(signed)
—
37 cycles
12 cycles
IDIVS
16
÷ 16 = 16
(signed)
—
—
12 cycles
EMACS
32
× (16 × 16) ⇒ 32
(signed MAC)
—
20 cycles
12 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com