Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 409 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 409 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 405Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 406Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 407Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 408Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 409Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 410Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 411Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 412Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 413Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
409
been misaligned, the queue would be ready to advance and the O cycle
would be used to perform a program word fetch.
In a single-chip system or in a system with the program in 16-bit memory,
both the free cycle and the program fetch cycle take one bus cycle. In a
system with the program in an external 8-bit memory, the O cycle takes one
bus cycle when it appears as a free cycle, but it takes two bus cycles when
used to perform a program fetch. In this case, the on-chip integration
module freezes the CPU clocks long enough to perform the cycle as two
smaller accesses. The CPU handles only 16-bit data, and is not aware that
the 16-bit program access is split into two 8-bit accesses.
To allow development systems to track events in the CPU12 instruction
queue, two status signals (IPIPE[1:0]) provide information about data
movement in the queue and about the start of instruction execution. A
development system can use this information along with address and data
information to externally reconstruct the queue. This representation of the
queue can also track both the data and address buses.
B.5.3 Stack Function
Both the M68HC11 and the CPU12 stack nine bytes for interrupts. Since this
is an odd number of bytes, there is no practical way to ensure that the stack
will stay aligned. To ensure that instructions take a fixed number of cycles
regardless of stack alignment, the internal RAM in M68HC12 MCUs is
designed to allow single cycle 16-bit accesses to misaligned addresses. As
long as the stack is located in this special RAM, stacking and unstacking
operations take the same amount of execution time, regardless of stack
alignment. If the stack is located in an external 16-bit RAM, a PSHX
instruction can take two or three cycles depending on the alignment of the
stack. This extra access time is transparent to the CPU because the
integration module freezes the CPU clocks while it performs the extra 8-bit
bus cycle required for a misaligned stack operation.
The CPU12 has a “last-used” stack rather than a “next-available” stack like
the M68HC11 CPU. That is, the stack pointer points to the last 16-bit stack
address used, rather than to the address of the next available stack location.
This generally has very little effect, because it is very unusual to access
stacked information using absolute addressing. The change allows a 16-bit
word of data to be removed from the stack without changing the value of the
SP twice.
To illustrate, consider the operation of a PULX instruction. With the
next-available M68HC11 stack, if the SP = $01F0 when execution begins,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com