Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 292 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 292 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 288Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 289Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 290Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 291Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 292Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 293Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 294Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 295Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 296Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 292 / 296 page
background image
ADAU1373
Rev. 0 | Page 292 of 296
APPLICATIONS CIRCUIT
INTERNAL
ANALOG
MICROPHONE
IOVDD4
FM
BB
AP
BT
BB OR AP
MICBIAS1
(1.8V TO 2.8V, 0.2V STEP)
(1.8V TO 2.8V, 0.2V STEP)
IOVDD3 (1.8V TO 3.3V)
GPIO4
BCLKC
LRCLKC
SDATAOUTC
SDATAINC
IOVDD2 (1.8V TO 3.3V)
GPIO2
BCLKB
LRCLKB
SDATAOUTB
SDATAINB
MCLK21
IOVDD1 (1.8V TO 3.3V)
GPIO1
MCLK11
BCLKA
LRCLKA
SDATAOUTA
SDATAINA
IOVDD5 (1.8V TO 3.3V)
GPIO3
SCL
SDA
SD
1SELECT EITHER MCLK1 OR MCLK2 BY CONTROL.
2REQUIRED FOR EMI SENSITIVE APPLICATIONS WHERE THE OUTPUT SPEAKER TRACE PLUS THE CABLE LENGTH
EXCEED 4 INCHES.
BATTERY
ADAU1373
2.2µF
DVDD
2.2µF
AVDD
2.2µF
HPVDD
0.1µF
DMIC1_2_DATA
DMIC_CLK
DMIC3_4_DATA
MICBIAS2
AIN4P
AIN4N
HPR
SGND
JACKDET
CPVDD
CF1
CF2
CPVSS
EPP
SPKLP
SPKLN
SPKRP
SPKRN
LOUT1L/
LOUTLP
LOUT1R/
LOUTRP
LOUT2L/
LOUTLN
LOUT2R/
LOUTRN
LN2FBIN
INTERNAL
DIGITAL
MICROPHONE
EXTERNAL
MICROPHONE
HPL
LN1FBIN
2.2µF
2.2µF
1µF
1µF
1µF
1µF
1µF
L
R
22nF
22nF
+
–
1µF
1µF
BEAD2
DOCKING
EPN
2.2µF
2.2µF
2.2µF
RECEIVER
LEFT
SPEAKER
RIGHT
SPEAKER
2.2µF
2.2µF
0.1µF
2kΩ
2kΩ
2kΩ
EARPHONE
10µF
AIN1L
AIN1R
AIN3P
AIN3N
AIN2N
22nF
22nF
+
–
AIN2P
CM
Figure 123. Typical Stereo Class-D Applications Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com