Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 293 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 293 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 288Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 289Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 290Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 291Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 292Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 293Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 294Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 295Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 296Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 293 / 296 page
background image
ADAU1373
Rev. 0 | Page 293 of 296
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
H
J
0.560
0.500
0.440
4.085
4.045
4.005
3.860
3.820
3.780
1
2
3
4
5
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.230
0.200
0.170
0.330
0.300
0.270
0.300
0.260
0.220
3.20
BSC SQ
0.40
BALL PITCH
BALL A1
IDENTIFIER
6
7
8
9
COPLANARITY
0.05
SEATING
PLANE
Figure 124. 81-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-81-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADAU1373BCBZ-R7
−40°C to +85°C
81-Ball WLCSP
CB-81-1
ADAU1373BCBZ-RL
−40°C to +85°C
81-Ball WLCSP
CB-81-1
EVAL-ADAU1373Z
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com