Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 150 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 150 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 146Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 147Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 148Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 149Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 150Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 151Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 152Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 153Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 154Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 296 page
background image
ADAU1373
Rev. 0 | Page 150 of 296
CLK2_SOURCE_DIV REGISTER
Address: 0x42, Reset: 0x00, Name: CLK2_SOURCE_DIV
Clock 2 Divide and Core Clock Enable Control
Table 95. Bit Descriptions for CLK2_SOURCE_DIV
Bits
Bit Name
Settings
Description
Reset
Access
7
CLK2EN
Clock 2 Enable. Core clock enable or disable control.
0x0
RW
0
Clock 2 disable (default)
1
Clock 2 enable
6
CLK2S_SEL
PLLB Bypass Signal. Clock source selection. Clock source can be set to
either PLLB output or external input.
0x0
RW
0
Use PLLB clock as Source Clock 2 (default)
1
Use external clock as Source Clock 2
[5:3]
CLK2SDIV
Source Clock 2 Divider. Source Clock 2 divider settings, 0 through 7 in
eight steps.
0x0
RW
000
Source Clock Divider K = 0
001
Source Clock Divider K = 1
010
Source Clock Divider K = 2
011
Source Clock Divider K = 3
100
Source Clock Divider K = 4
101
Source Clock Divider K = 5
110
Source Clock Divider K = 6
111
Source Clock Divider K = 7
[2:0]
MCLK2DIV
Master Clock 2 Divider. Master Clock 2 divider settings, 0 through 7 in
eight steps.
0x0
RW
000
Divider J = 0
001
Divider J = 1
010
Divider J = 2
011
Divider J = 3
100
Divider J = 4
101
Divider J = 5
110
Divider J = 6
111
Divider J = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com