Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 154 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 154 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 150Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 151Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 152Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 153Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 154Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 155Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 156Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 157Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 158Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 296 page
background image
ADAU1373
Rev. 0 | Page 154 of 296
DAIB REGISTER
Address: 0x45, Reset: 0x0A, Name: DAIB
Digital Audio Interface B Settings 1
Table 98. Bit Descriptions for DAIB
Bits
Bit Name
Settings
Description
Reset
Access
7
BCLKINVB
BCLK Inversion Control. Bit clock polarity inversion setting.
0x0
RW
0
BCLK not inverted (default)
1
BCLK inverted
6
MSB
Master Mode Enable. Digital Audio Interface B master/slave setting.
0x0
RW
0
Enable slave mode (default)
1
Enable master mode
5
SWAPB
Swap Audio Interface Data Control. Left/right channel data swap setting.
0x0
RW
0
Output left- and right-channel data as normal (default)
1
Swap left- and right-channel DAC data in audio interface
4
LRPB
Polarity Control for Clocks in Right-Justified, Left-Justified, and I2S Modes.
Polarity invert setting for frame clock.
0x0
RW
0
Normal DACLRC and ADCLRC (default)
1
Invert DACLRC and ADCLRC polarity
[3:2]
WLB
Data-Word Length Control. Digital Audio Interface B data-word length
setting: 16/20/24/32 bits.
0x2
RW
00
16 bits
01
20 bits
10
24 bits (default)
11
32 bits
[1:0]
FORMATB
Digital Audio Interface B Format Control. Digital Audio Interface B serial
format setting RJ/LJ/I2S/DSP mode.
0x2
RW
00
Right justified
01
Left justified
10
I2S format (default)
11
DSP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com