Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 209 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 209 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 205Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 206Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 207Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 208Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 209Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 210Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 211Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 212Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 213Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 296 page
background image
ADAU1373
Rev. 0 | Page 209 of 296
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
DRCLELDEC
DRC2 Peak Detector Decay Time.
0x8
RW
0000
750 μs
0001
1.5 ms
0010
3 ms
0011
6 ms
0100
12 ms
0101
24 ms
0110
48 ms
0111
96 ms
1000
192 ms (default)
1001
384 ms
1010
768 ms
1011
1.536 sec
1100
3.072 sec
1101
6.144 sec
1110
12.288 sec
1111
24.576 sec
DRC2_CTRL3 REGISTER
Address: 0x92, Reset: 0x00, Name: DRC2_CTRL3
DRC2 Threshold Point X1 on X-Axis (Input Level)
Table 169. Bit Descriptions for DRC2_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DRCTHX1
DRC2 X-Axis Threshold 1.
0x00
RW
00000000
0 dB (default)
00000001
−0.5 dB
00000010
−1 dB
xxxxxxxx
0.5 dB step size
11000000
−96 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com