Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 205 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 205 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 201Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 202Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 203Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 204Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 205Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 206Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 207Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 208Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 209Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 296 page
background image
ADAU1373
Rev. 0 | Page 205 of 296
DRC1_CTRL15 REGISTER
Address: 0x8E, Reset: 0x00, Name: DRC1_CTRL15
DRC1 Peak to RMS Ratio and RMS Detector Setting Register
Table 165. Bit Descriptions for DRC1_CTRL15
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
RW
[6:2]
SIG_DET_RMS
DRC1 IRQ RMS Value. DRC RMS detector setting.
0x00
RW
00000
−30 dB
00001
−31.5 dB
00010
−33 dB
xxxxx
−1.5 dB step size
11111
−76.5 dB
[1:0]
SIG_DET_PK
DRC1 IRQ Source Ratio Between Peak and RMS. DRC peak to rms ratio
setting.
0x0
RW
00
12 dB
01
18 dB
10
24 dB
11
30 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com