Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 202 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 202 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 198Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 199Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 200Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 201Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 202Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 203Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 204Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 205Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 206Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 296 page
background image
ADAU1373
Rev. 0 | Page 202 of 296
DRC1_CTRL12 REGISTER
Address: 0x8B, Reset: 0x7A, Name: DRC1_CTRL12
DRC1 Noise Gate Hold Time and Normal Operation Hold Time Setting
Table 162. Bit Descriptions for DRC1_CTRL12
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRCHTNOR
DRC1 Hold Time for Normal Operation.
0x7
RW
0000
0 ms
0001
0.67 ms
0010
1.34 ms
0011
2.68 ms
0100
5.36 ms
0101
10.72 ms
0110
21.44 ms
0111
42.88 ms (default)
1000
85.76 ms
1001
171.52 ms
1010
341.33 ms
1011
686 ms
1100
1.37 sec
1101
Reserved
1110
Reserved
1111
Reserved
[3:0]
DRCHTNG
DRC1 Hold Time for Noise Gating.
0xA
RW
0000
0 ms
0001
0.67 ms
0010
1.34 ms
0011
2.68 ms
0100
5.36 ms
0101
10.72 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com