Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 203 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 203 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 199Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 200Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 201Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 202Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 203Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 204Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 205Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 206Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 207Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 296 page
background image
ADAU1373
Rev. 0 | Page 203 of 296
Bits
Bit Name
Settings
Description
Reset
Access
0110
21.44 ms
0111
42.88 ms
1000
85.76 ms
1001
171.52 ms
1010
341.33 ms (default)
1011
686 ms
1100
1.37 sec
1101
Reserved
1110
Reserved
1111
Reserved
DRC1_CTRL13 REGISTER
Address: 0x8C, Reset: 0xDF, Name: DRC1_CTRL13
DRC1 Gain Setting
Table 163. Bit Descriptions for DRC1_CTRL13
Bits
Bit Name
Settings
Description
Reset
Access
[5:2]
DRCG
DRC1 Adjust Gain. DRC1 gain setting.
0x7
RW
0000
21 dB
0001
18 dB
xxxx
3 dB step size
0111
0 dB (default)
1111
−24 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com