Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 215 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 215 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 211Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 212Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 213Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 214Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 215Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 216Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 217Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 218Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 219Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 296 page
background image
ADAU1373
Rev. 0 | Page 215 of 296
DRC2_CTRL12 REGISTER
Address: 0x9B, Reset: 0x7A, Name: DRC2_CTRL12
DRC2 Noise Gate Hold Time and Normal Operation Hold Time Setting
Table 178. Bit Descriptions for DRC2_CTRL12
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRCHTNOR
DRC2 Hold Time for Normal Operation.
0x7
RW
0000
0 ms
0001
0.67 ms
0010
1.34 ms
0011
2.68 ms
0100
5.36 ms
0101
10.72 ms
0110
21.44 ms
0111
42.88 ms (default)
1000
85.76 ms
1001
171.52 ms
1010
341.33 ms
1011
686 ms
1100
1.37 sec
1101
Reserved
1110
Reserved
1111
Reserved
[3:0]
DRCHTNG
DRC2 Hold Time for Noise Gating.
0xA
RW
0000
0 ms
0001
0.67 ms
0010
1.34 ms
0011
2.68 ms
0100
5.36 ms
0101
10.72 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com