Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 218 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 218 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 214Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 215Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 216Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 217Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 218Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 219Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 220Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 221Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 222Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 296 page
background image
ADAU1373
Rev. 0 | Page 218 of 296
DRC2_CTRL15 REGISTER
Address: 0x9E, Reset: 0x00, Name: DRC2_CTRL15
DRC2 Peak to RMS Ratio and RMS Detector Setting Register
Table 181. Bit Descriptions for DRC2_CTRL15
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
RW
[6:2]
SIG_DET_RMS
DRC2 IRQ RMS Value. DRC rms detector setting.
0x00
RW
00000
−30 dB
00001
−31.5 dB
00010
−33 dB
xxxxx
−1.5 dB step size
11111
−76.5 dB
[1:0]
SIG_DET_PK
DRC2 IRQ Source Ratio Between Peak and RMS. DRC peak to rms ratio
setting.
0x0
RW
00
12 dB
01
18 dB
10
24 dB
11
30 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com