Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 228 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 228 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 224Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 225Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 226Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 227Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 228Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 229Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 230Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 231Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 232Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 296 page
background image
ADAU1373
Rev. 0 | Page 228 of 296
DRC3_CTRL12 REGISTER
Address: 0xAB, Reset: 0x7A, Name: DRC3_CTRL12
DRC3 Noise Gate Hold Time and Normal Operation Hold Time Setting
Table 194. Bit Descriptions for DRC3_CTRL12
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRCHTNOR
DRC3 Hold Time for Normal Operation.
0x7
RW
0000
0 ms
0001
0.67 ms
0010
1.34 ms
0011
2.68 ms
0100
5.36 ms
0101
10.72 ms
0110
21.44 ms
0111
42.88 ms (default)
1000
85.76 ms
1001
171.52 ms
1010
341.33 ms
1011
686 ms
1100
1.37 sec
1101
Reserved
1110
Reserved
1111
Reserved
[3:0]
DRCHTNG
DRC3 Hold Time for Noise Gating.
0xA
RW
0000
0 ms
0001
0.67 ms
0010
1.34 ms
0011
2.68 ms
0100
5.36 ms
0101
10.72 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com