Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 229 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 229 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 225Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 226Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 227Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 228Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 229Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 230Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 231Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 232Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 233Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 296 page
background image
ADAU1373
Rev. 0 | Page 229 of 296
Bits
Bit Name
Settings
Description
Reset
Access
0110
21.44 ms
0111
42.88 ms
1000
85.76 ms
1001
171.52 ms
1010
341.33 ms (default)
1011
686 ms
1100
1.37 sec
1101
Reserved
1110
Reserved
1111
Reserved
DRC3_CTRL13 REGISTER
Address: 0xAC, Reset: 0xDF, Name: DRC3_CTRL13
DRC3 Gain Setting
Table 195. Bit Descriptions for DRC3_CTRL13
Bits
Bit Name
Settings
Description
Reset
Access
[5:2]
DRCG
DRC3 Adjust Gain. DRC3 gain setting.
0x7
RW
0000
21 dB
0001
18 dB
xxxx
3 dB step
0111
0 dB (default)
1111
−24 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com