Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 241 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 241 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 237Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 238Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 239Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 240Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 241Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 242Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 243Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 244Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 245Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 296 page
background image
ADAU1373
Rev. 0 | Page 241 of 296
E3D_CTRL1 REGISTER
Address: 0xC0, Reset: 0x00, Name: E3D_CTRL1
3D Enhancement Control Register
Table 215. Bit Descriptions for E3D_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
E3D_LEVEL
3D Enhancement Level Control. 3D effect level setting for 3D enhancement.
0x0
RW
0000
0%; no 3D effect
0001
6.67%
0010
13.33%
0011
20%
0100
26.67%
0101
33.33%
0110
40%
0111
46.67%
1000
53.33%
1001
60%
1010
66.67%
1011
73.33%
1100
80%
1101
86.67%
1110
93.33%
1111
100%
[3:0]
E3D_ALPHA
3D Enhancement Depth Control. Filter cutoff frequency setting for 3D enhancement.
0x0
RW
0000
No 3D effect
0001
1.5 kHz at 48 kHz sampling rate
0010
2.2 kHz at 48 kHz sampling rate
0011
3.6 kHz at 48 kHz sampling rate
0100
5.5 kHz at 48 kHz sampling rate
0101
8.1 kHz at 48 kHz sampling rate
0110
13 kHz at 48 kHz sampling rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com