Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 244 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 244 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 240Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 241Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 242Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 243Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 244Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 245Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 246Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 247Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 248Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 296 page
background image
ADAU1373
Rev. 0 | Page 244 of 296
ALC_CTRL1 REGISTER
Address: 0xC3, Reset: 0x00, Name: ALC_CTRL1
ALC Control Register
Table 218. Bit Descriptions for ALC_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
ALCATT
ALC Attack Time. ALC attack time setting.
0x0
RW
0000
1.5 ms
0001
3 ms
0010
6 ms
0011
12 ms
0100
24 ms
0101
48 ms
0110
96 ms
0111
192 ms
1000
384 ms
1001
768 ms
1010
1.536 sec
1011
3.072 sec
1100
6.144 sec
1101
6.144 sec
1110
6.144 sec
1111
6.144 sec
[3:0]
ALCREC
ALC Recovery Time. ALC recovery time setting.
0x0
RW
0000
6 ms
0001
12 ms
0010
24 ms
0011
48 ms
0100
96 ms
0101
192 ms
0110
384 ms
0111
768 ms
1000
1.536 sec
1001
3.072 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com