Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 246 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 246 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 242Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 243Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 244Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 245Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 246Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 247Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 248Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 249Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 250Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 296 page
background image
ADAU1373
Rev. 0 | Page 246 of 296
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
ALCREF
ALC Target Level. ALC reference level setting.
0x0
RW
0000
−24 dBFS
0001
−22.5 dBFS
0010
−21 dBFS
0011
−19.5 dBFS
0100
−18 dBFS
0101
−16.5 dBFS
0110
−15 dBFS
0111
−13.5 dBFS
1000
−12 dBFS
1001
−10.5 dBFS
1010
−9 dBFS
1011
−7.5 dBFS
1100
−6 dBFS
1101
−4.5 dBFS
1110
−3 dBFS
1111
−1.5 dBFS
ALC_CTRL3 REGISTER
Address: 0xC5, Reset: 0x00, Name: ALC_CTRL3
ALC Control Register
Table 220. Bit Descriptions for ALC_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
ALCRIP
ALC Reference Ripple Remove. ALC ripple level setting. The setting, with
respect to reference level, defines the input level range in which there can
be no change in ALC gain.
0x0
RW
0000
0 dB
0001
−0.5 dB
0010
−1.0 dB
0011
−1.5 dB
0100
−2.0 dB
0101
−2.5 dB
0110
−3.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com