Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 249 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 249 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 245Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 246Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 247Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 248Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 249Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 250Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 251Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 252Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 253Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 296 page
background image
ADAU1373
Rev. 0 | Page 249 of 296
ALC_CTRL5 REGISTER
Address: 0xC7, Reset: 0x00, Name: ALC_CTRL5
ALC Control Register
Table 222. Bit Descriptions for ALC_CTRL5
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
ALCNGATT
ALC Noise Gate Attack Time. Valid only when NGMODE set to 10 or 11. ALC noise
gate attack time setting. This setting is valid only in Noise Gate Mode 2 and
Noise Gate Mode 3.
0x0
RW
0000
6 ms
0001
12 ms
0010
24 ms
0011
48 ms
0100
96 ms
0101
192 ms
0110
384 ms
0111
768 ms
1000
1.536 sec
1001
3.072 sec
1010
6.144 sec
1011
12.288 sec
1100
24.576 sec
1101
24.576 sec
1110
24.576 sec
1111
24.576 sec
[3:0]
ALCNGREC
ALC Noise Gate Recovery Time. Valid only when NGMODE set to 11. ALC noise
gate recovery time setting. This setting is valid only in Noise Gate Mode 3.
0x0
RW
0000
1.5 ms
0001
3 ms
0010
6 ms
0011
12 ms
0100
24 ms
0101
48 ms
0110
96 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com