Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 251 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 251 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 247Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 248Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 249Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 250Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 251Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 252Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 253Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 254Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 255Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 296 page
background image
ADAU1373
Rev. 0 | Page 251 of 296
ALC_CTRL6 REGISTER
Address: 0xC8, Reset: 0x00, Name: ALC_CTRL6
ALC Control Register
Table 223. Bit Descriptions for ALC_CTRL6
Bits
Bit Name
Settings
Description
Reset
Access
7
HLDRST
Recovery Hold Time Counter Clear Control. Noise gate reset hold time setting.
The noise gate is not reset for the hold time set in Register 0xC6.
0x0
RW
1
Hold time reset after noise gate
0
Hold time no reset after noise gate
6
ALCHPF
ALC Embedded High-Pass Filter Enable. ALC high-pass filter enable/disable
setting. The high-pass filter is fixed at 3.7 Hz at a 48 kHz sample rate.
0x0
RW
1
High-pass filter enable
0
High-pass filter disable
[5:4]
NGMODE
ALC Noise Gate Mode. ALC noise gate mode selection: Noise Gate Mode 1,
Noise Gate Mode 2, Noise Gate Mode 3, or disable noise gate.
0x0
RW
00
No noise gate
01
Noise Gate Mode 1; keeps the gain before ALC enters noise gate
10
Noise Gate Mode 2; sets the PGA gain to 0 dB
11
Noise Gate Mode 3; mutes the ALC output to −120 dB
[3:2]
ALCEN
ALC Enable Control. ALC enable/disable control.
0x0
RW
00
Both channels disabled
01
Right channel enabled
10
Left channel enabled
11
Both channels enabled
[1:0]
ALCMODE
ALC Operation Mode Control. ALC can be applied to digital/analog PGA or
both by setting this register.
0x0
RW
00
Control digital PGA
01
Control analog PGA
10
Control both analog/digital PGA
11
No use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com