Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 247 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 247 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 243Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 244Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 245Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 246Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 247Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 248Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 249Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 250Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 251Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 296 page
background image
ADAU1373
Rev. 0 | Page 247 of 296
Bits
Bit Name
Settings
Description
Reset
Access
0111
−3.5 dB
1000
−4.0 dB
1001
−4.5 dB
1010
−5.0 dB
1011
−5.5 dB
1100
−6.0 dB
1101
−6.5 dB
1110
−7.0 dB
1111
−7.5 dB
[3:0]
ALCMAX
ALC Maximum Gain Control. ALC maximum gain setting.
0x0
RW
0000
60 dB
0001
54 dB
0010
48 dB
0011
42 dB
0100
36 dB
0101
30 dB
0110
24 dB
0111
18 dB
1000
12 dB
1001
6 dB
1010
0 dB
1011
−6 dB
1100
−12 dB
ALC_CTRL4 REGISTER
Address: 0xC6, Reset: 0x00, Name: ALC_CTRL4
ALC Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com