Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 122Page - Advanced Micro Devices AM79C970A Datasheet HTML 123Page - Advanced Micro Devices AM79C970A Datasheet HTML 124Page - Advanced Micro Devices AM79C970A Datasheet HTML 125Page - Advanced Micro Devices AM79C970A Datasheet HTML 126Page - Advanced Micro Devices AM79C970A Datasheet HTML 127Page - Advanced Micro Devices AM79C970A Datasheet HTML 128Page - Advanced Micro Devices AM79C970A Datasheet HTML 129Page - Advanced Micro Devices AM79C970A Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 219 page
background image
AMD
P R E L I M I N A R Y
126
Am79C970A
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
3
DXMTFCS
Disable Transmit CRC (FCS).
When DXMTFCS is cleared to
ZERO,
the
transmitter
will
generate and append an FCS to
the transmitted frame. When
DXMTFCS is set to ONE, no FCS
is generated or sent with the
transmitted frame. DXMTFCS is
overridden when ADD_FCS is
set in TMD1.
If
DXMTFCS
is
set
and
ADD_FCS is clear for a particular
frame, no FCS will be generated.
The value of ADD_FCS is valid
only when STP is set in TMD1. If
ADD_FCS is set for a particular
frame, the state of DXMTFCS is
ignored and a FCS will be ap-
pended on that frame by the
transmit circuitry. See also the
ADD_FCS bit in TMD1.
This bit is called DTCR in the
C-LANCE (Am79C90).
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
2
LOOP
Loopback
Enable
allows
PCnet-PCI II controller to oper-
ate in full-duplex mode for test
purposes. The setting of the
full-duplex control bits in BCR9
have no effect when the device
operates
in
loopback
mode.
When LOOP is set to ONE,
loopback is enabled. In combina-
tion with INTL and MENDECL,
various loopback modes are
defined
in
the
Loopback
Configuration table.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. LOOP is cleared
by H_RESET or S_RESET and is
unaffected
by
setting
the
STOP bit.
1
DTX
Disable Transmit. When DTX is
set to ONE, the PCnet-PCI II con-
troller will not access the transmit
descriptor ring and therefore no
transmissions
are
attempted.
When DTX is cleared to ZERO,
TXON (CSR0, bit 4) is set to ONE
after STRT (CSR0, bit 1) has
been set to ONE.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
0
DRX
Disable Receiver. When DRX is
set to ONE, the PCnet-PCI II con-
troller will not access the receive
descriptor ring and therefore all
receive frame data are ignored.
When DRX is cleared to ZERO,
RXON (CSR0, bit 5) is set to
ONE after STRT (CSR0, bit 1)
has been set to ONE.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
CSR16: Initialization Block Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
IADRL
This register is an alias of CSR1.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
CSR17: Initialization Block Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
IADRH
This register is an alias of CSR2.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
CSR18: Current Receive Buffer Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
CRBAL
Contains the lower 16 bits of the
current receive buffer address at
which the PCnet-PCI II controller
will store incoming frame data.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR19: Current Receive Buffer Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com