Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 124 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 124 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 120Page - Advanced Micro Devices AM79C970A Datasheet HTML 121Page - Advanced Micro Devices AM79C970A Datasheet HTML 122Page - Advanced Micro Devices AM79C970A Datasheet HTML 123Page - Advanced Micro Devices AM79C970A Datasheet HTML 124Page - Advanced Micro Devices AM79C970A Datasheet HTML 125Page - Advanced Micro Devices AM79C970A Datasheet HTML 126Page - Advanced Micro Devices AM79C970A Datasheet HTML 127Page - Advanced Micro Devices AM79C970A Datasheet HTML 128Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 219 page
background image
AMD
P R E L I M I N A R Y
124
Am79C970A
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR15: Mode
Bit
Name
Description
This register’s fields are loaded
during the PCnet-PCI II controller
initialization routine with the cor-
responding initialization block
values. The host can also write
directly to this register.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15
PROM
Promiscuous Mode.
When PROM is set to ONE,
all
incoming
receive
frames
are accepted.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
14
DRCVBC
Disable
Receive
Broadcast.
When
set,
this
bit
disables
the PCnet-PCI II controller from
receiving broadcast messages.
DRCVBC has no effect when
PROM is set to ONE.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. DRCVBC is
cleared
by
H_RESET
or
S_RESET
and
not
affected
by STOP.
13
DRCVPA
Disable Receive Physical Ad-
dress. When set, the physical ad-
dress detection (Station or node
ID) of the PCnet-PCI II controller
will be disabled. Frames ad-
dressed to the node’s individual
physical address will not be rec-
ognized. DRCVPA has no effect
when PROM is set to ONE.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
12
DLNKTST
Disable
Link
Status.
When
DLNKTST is set to ONE, moni-
toring of Link Pulses is disabled.
When DLNKTST is cleared to
ZERO, monitoring of Link Pulses
is enabled. This bit only has
meaning when the 10BASE-T
network interface is selected.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
11
DAPC
Disable Automatic Polarity Cor-
rection. When DAPC is set to
ONE, the 10BASE-T receive po-
larity reversal algorithm is dis-
abled. When DAPC is cleared to
ZERO, the polarity reversal algo-
rithm is enabled.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
10
MENDECL
MENDEC Loopback Mode. See
the description of the LOOP bit
in CSR15.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
9
LRT
Low Receive Threshold (T-MAU
Mode only)
TSEL
Transmit
Mode
Select
(AUI
Mode only)
LRT
Low Receive Threshold. When
LRT is set to ONE, the internal
twisted pair receive thresholds
are reduced by 4.5 dB below
the standard 10BASE-T value
(approximately
3/5)
and
the
unsquelch
threshold
for
the
RXD circuit will be 180 mV–
312 mV peak.
Table 23. Network Port Configuration
ASEL
Link Status
PORTSEL[1:0]
(BCR2[1])
(of 10BASE-T)
Network Port
0X
1
Fail
AUI
0X
1
Pass
10BASE-T
00
0
X
AUI
01
0
X
10BASE-T
10
X
X
GPSI
11
X
X
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com