Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 117Page - Advanced Micro Devices AM79C970A Datasheet HTML 118Page - Advanced Micro Devices AM79C970A Datasheet HTML 119Page - Advanced Micro Devices AM79C970A Datasheet HTML 120Page - Advanced Micro Devices AM79C970A Datasheet HTML 121Page - Advanced Micro Devices AM79C970A Datasheet HTML 122Page - Advanced Micro Devices AM79C970A Datasheet HTML 123Page - Advanced Micro Devices AM79C970A Datasheet HTML 124Page - Advanced Micro Devices AM79C970A Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 219 page
background image
P R E L I M I N A R Y
AMD
121
Am79C970A
abort (RTABORT, bit 12) occurs.
SINT is cleared by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
10
SINTE
System
Interrupt
Enable.
If
SINTE is set, the SINT bit will be
able to set the INTR bit.
Read/Write accessible always.
SINTE is cleared to ZERO by
H_RESET or S_RESET and is
not
affected
by
setting
the
STOP bit.
9
SLPINT
Sleep Interrupt is set by the
PCnet-PCI II controller when it
comes out of sleep mode.
When SLPINT is set,
INTA is as-
serted if the enable bit SLPINTE
is ONE. Note that the assertion of
an interrupt due to SLPINT is not
dependent on the state of the
INEA bit, since INEA is cleared
by S_RESET when entering the
sleep mode.
Read/Write accessible always.
SLPINT is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. SLPINT is cleared
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
8
SLPINTE
Sleep
Interrupt
Enable.
If
SLPINTE is set, the SLPINT bit
will be able to set the INTR bit.
Read/Write accessible always.
SLPINTE is cleared to ZERO by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
7
EXDINT
Excessive Deferral Interrupt is
set by the PCnet-PCI II controller
when the transmitter has experi-
enced Excessive Deferral on a
transmit frame, where Excessive
Deferral is defined in ISO 8802-3
(IEEE/ANSI 802.3).
When EXDINT is set,
INTA is as-
serted if the enable bit EXDINTE
is ONE.
Read/Write accessible always.
EXDINT is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. EXDINT is cleared
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
6
EXDINTE
Excessive Deferral Interrupt En-
able. If EXDINTE is set, the EX-
DINT bit will be able to set the
INTR bit.
Read/Write accessible always.
EXDINTE is cleared to ZERO by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
5
MPPLBA
Magic Packet Physical Logical
Broadcast Accept. If MPPLBA is
cleared to ZERO, the PCnet-PCI
II controller will only detect a
magic packet if the destination
address of the packet matches
the content of the physical ad-
dress
register
(PADR).
If
MPPLBA is set to ONE, the desti-
nation address of the magic
packet can be unicast, multicast
or broadcast. Note that the set-
ting of MPPLBA only effects the
address detection of the magic
packet. The magic packet data
sequence must be in all cases
the same, i.e., a 16-times repeti-
tion of the the physical address
(PADR[47:0]).
Read/Write accessible always.
MPPLBA is cleared to ZERO
by H_RESET or S_RESET and
is not affected by setting the
STOP bit.
4
MPINT
Magic Packet Interrupt is set by
the
PCnet-PCI
II
controller
when the device is in magic
packet mode and it receives a
magic packet.
When MPINT is set,
INTA is as-
serted if IENA (CSR0, bit 6) and
the enable bit MPINTE are set
to ONE.
Read/Write accessible always.
MPINT is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. MPINT is cleared
by H_RESET, S_RESET or by
setting the STOP bit.
3
MPINTE
Magic Packet Interrupt Enable. If
MPINTE is set, the MPINT bit will
be able to set the INTR bit.
Read/Write accessible always.
MPINTE is cleared to ZERO by
H_RESET or S_RESET and is
not
affected
by
setting
the
STOP bit.
2
MPEN
Magic Packet Enable. MPEN al-
lows activation of the magic
packet mode by software. The
PCnet-PCI II controller will enter
the magic packet mode when
both MPEN and MPMODE are
set to ONE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com