Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 115Page - Advanced Micro Devices AM79C970A Datasheet HTML 116Page - Advanced Micro Devices AM79C970A Datasheet HTML 117Page - Advanced Micro Devices AM79C970A Datasheet HTML 118Page - Advanced Micro Devices AM79C970A Datasheet HTML 119Page - Advanced Micro Devices AM79C970A Datasheet HTML 120Page - Advanced Micro Devices AM79C970A Datasheet HTML 121Page - Advanced Micro Devices AM79C970A Datasheet HTML 122Page - Advanced Micro Devices AM79C970A Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 219 page
background image
P R E L I M I N A R Y
AMD
119
Am79C970A
9
MFCO
Missed Frame Counter Overflow
is set by the PCnet-PCI II
controller
when
the
Missed
Frame
Counter
(CSR112)
wraps around.
When MFCO is set,
INTA is as-
serted if IENA is ONE and the
mask bit MFCOM is ZERO.
Read/Write accessible always.
MFCO is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. MFCO is cleared
by H_RESET, S_RESET or by
setting the STOP bit.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI II controller will
never set the value of this bit
to ONE.
8
MFCOM
Missed Frame Counter Overflow
Mask. If MFCOM is set, the
MFCO bit will be masked and un-
able to set the INTR bit.
Read/Write accessible always.
MFCOM is set to ONE by
H_RESET or S_RESET and is
unaffected
by
setting
the
STOP bit.
When
the
value
01h
has
been
programmed
into
the
SWSTYLE register (BCR20, bits
7–0) for ILACC (Am79C900)
compatibility, then this bit has no
meaning and PCnet-PCI II con-
troller will clear the value of this
bit to ZERO.
7
UINTCMD
User
Interrupt
Command.
UINTCMD can be used by the
host to generate an interrupt un-
related to any network activity.
When UINTCMD is set,
INTA is
asserted if IENA is set to ONE.
UINTCMD
will
be
cleared
internally after the PCnet-PCI II
controller has set UINT to ONE.
Read/Write accessible always.
UINTCMD
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
6
UINT
User Interrupt. UINT is set by the
PCnet-PCI II controller after the
host has issued a user interrupt
command by setting UINTCMD
(CSR4, bit 7) to ONE.
Read/Write accessible always.
UINT is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. UINT is cleared by
H_RESET or S_RESET or by
setting the STOP bit.
5
RCVCCO
Receive Collision Counter Over-
flow is set by the PCnet-PCI II
controller
when
the
Receive
Collision
Counter
(CSR114)
wraps around.
When RCVCCO is set,
INTA is
asserted if IENA is ONE and the
mask bit RCVCCOM is ZERO.
Read/Write accessible always.
RCVCCO is cleared by the host
by writing a ONE. Writing a
ZERO has no effect. RCVCCO is
cleared by H_RESET, S_RESET
or by setting the STOP bit.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI II controller will
never set the value of this bit
to ONE.
4
RCVCCOM
Receive Collision Counter Over-
flow Mask. If RCVCCOM is set,
the RCVCCO bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
RCVCCOM is set to ONE by
H_RESET or S_RESET and is
unaffected
by
setting
the
STOP bit.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI II controller will
clear
the
value
of
this
bit
to ZERO.
3
TXSTRT
Transmit Start status is set by the
PCnet-PCI II controller whenever
it begins transmission of a frame.
When TXSTRT is set,
INTA is as-
serted if IENA is ONE and the
mask bit TXSTRTM is ZERO.
Read/Write accessible always.
TXSTRT is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. TXSTRT is cleared
by H_RESET, S_RESET or by
setting the STOP bit.
2
TXSTRTM
Transmit
Start
Mask.
If
TXSTRTM is set, the TXSTRT bit
will be masked and unable to set
the INTR bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com