Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 112Page - Advanced Micro Devices AM79C970A Datasheet HTML 113Page - Advanced Micro Devices AM79C970A Datasheet HTML 114Page - Advanced Micro Devices AM79C970A Datasheet HTML 115Page - Advanced Micro Devices AM79C970A Datasheet HTML 116Page - Advanced Micro Devices AM79C970A Datasheet HTML 117Page - Advanced Micro Devices AM79C970A Datasheet HTML 118Page - Advanced Micro Devices AM79C970A Datasheet HTML 119Page - Advanced Micro Devices AM79C970A Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 219 page
background image
AMD
P R E L I M I N A R Y
116
Am79C970A
CSR3: Interrupt Masks and Deferral Control
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15
RES
Reserved location. Read and
written as ZERO.
14
BABLM
Babble Mask. If BABLM is set,
the BABL bit will be masked and
unable to set the INTR bit.
Read/Write accessible always.
BABLM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
13
RES
Reserved location. Read and
written as ZERO.
12
MISSM
Missed Frame Mask. If MISSM is
set, the MISS bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
MISSM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
11
MERRM
Memory Error Mask. If MERRM
is set, the MERR bit will be
masked and unable to set the
INTR bit.
Read/Write accessible always.
MERRM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
10
RINTM
Receive
Interrupt
Mask.
If
RINTM is set, the RINT bit will be
masked and unable to set the
INTR bit.
Read/Write accessible always.
RINTM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
9
TINTM
Transmit
Interrupt
Mask.
If
TINTM is set, the TINT bit will be
masked and unable to set the
INTR bit.
Read/Write accessible always.
TINTM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
8
IDONM
Initialization
Done
Mask.
If
IDONM is set, the IDON bit will be
masked and unable to set the
INTR bit.
Read/Write accessible always.
IDONM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
7
RES
Reserved location. Read and
written as ZEROs.
6
DXSUFLO
Disable Transmit Stop on Under-
flow error.
When DXSUFLO is cleared to
ZERO, the transmitter is turned
off when an UFLO error occurs
(CSR0, TXON = 0).
When DXSUFLO is set to ONE,
the
PCnet-PCI
II
controller
gracefully
recovers
from
an
UFLO error. It scans the transmit
descriptor ring until it finds the
start of a new frame and starts a
new transmission.
Read/Write accessible always.
DXSUFLO
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
5
LAPPEN
Look Ahead Packet Processing
Enable. When set to ONE, the
LAPPEN
bit
will
cause
the
PCnet-PCI II controller to gener-
ate an interrupt following the de-
scriptor write operation to the first
buffer of a receive frame. This
interrupt will be generated in ad-
dition to the interrupt that is gen-
erated following the descriptor
write operation to the last buffer
of a receive packet. The interrupt
will be signaled through the RINT
bit of CSR0.
Setting LAPPEN to ONE also en-
ables the PCnet-PCI II controller
to read the STP bit of receive de-
scriptors. The PCnet-PCI II con-
troller
will
use
the
STP
information to determine where it
should begin writing a receive
packet’s data. Note that while in
this mode, the PCnet-PCI II con-
troller can write intermediate
packet data to buffers whose
descriptors do not contain STP
bits set to ONE. Following the
write to the last descriptor used
by a packet, the PCnet-PCI II
controller will scan through the
next descriptor entries to locate
the next STP bit that is set to
ONE. The PCnet-PCI II controller
will begin writing the next pack-
et’s data to the buffer pointed to
by that descriptor.
Note that because several de-
scriptors may be allocated by the
host for each packet, and not all
messages may need all of the de-
scriptors
that
are
allocated
between descriptors that have
STP set to ONE, then some de-
scriptors/buffers may be skipped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com