Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 114 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 114 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 110Page - Advanced Micro Devices AM79C970A Datasheet HTML 111Page - Advanced Micro Devices AM79C970A Datasheet HTML 112Page - Advanced Micro Devices AM79C970A Datasheet HTML 113Page - Advanced Micro Devices AM79C970A Datasheet HTML 114Page - Advanced Micro Devices AM79C970A Datasheet HTML 115Page - Advanced Micro Devices AM79C970A Datasheet HTML 116Page - Advanced Micro Devices AM79C970A Datasheet HTML 117Page - Advanced Micro Devices AM79C970A Datasheet HTML 118Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 219 page
background image
AMD
P R E L I M I N A R Y
114
Am79C970A
OWN bit in the last descriptor of a
transmit frame has been cleared
to indicate the frame has been
sent or an error occurred in
the transmission.
When TINT is set,
INTA is as-
serted if IENA is ONE and the
mask bit TINTM (CSR3, bit 9)
is ZERO.
TINT will not be set if TINTOKD
(CSR122, bit 2) is set to ONE and
the transmission was successful.
Read/Write accessible always.
TINT is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. TINT is cleared by
H_RESET, S_RESET or by set-
ting the STOP bit.
8
IDON
Initialization Done is set by the
PCnet-PCI II controller after the
initialization
sequence
has
completed. When IDON is set,
the PCnet-PCI II controller has
read
the
initialization
block
from memory.
When IDON is set,
INTA is as-
serted if IENA is ONE and the
mask bit IDONM (CSR3, bit 8)
is ZERO.
Read/Write accessible always.
IDON is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. IDON is cleared by
H_RESET, S_RESET or by set-
ting the STOP bit.
7
INTR
Interrupt Flag indicates that one
or more following interrupt caus-
ing conditions has occurred:
BABL, EXDINT, IDON, JAB,
MERR, MISS, MFCO, MPINT,
RVCC, RINT, SINT, SLPINT,
TINT, TXSTRT or UINT and the
associated mask or enable bit is
programmed to allow the event to
cause an interrupt. If IENA is set
to ONE and INTR is set,
INTA will
be active. When INTR is set by
SINT or SLPINT,
INTA will be ac-
tive independent of the state
of INEA.
Read accessible always. INTR is
read only. INTR is cleared by
clearing all of the active individ-
ual interrupt bits that have not
been masked out.
6
IENA
Interrupt Enable allows
INTA to
be active if the Interrupt Flag is
set. If IENA is cleared to ZERO,
INTA will be disabled regardless
of the state of INTR.
Read/Write accessible always.
IENA is set by writing a ONE and
cleared by writing a ZERO. IENA
is
cleared
by
H_RESET,
S_RESET or by setting the
STOP bit.
5
RXON
Receive On indicates that the re-
ceive function is enabled. RXON
is set to ONE if DRX (CSR15, bit
0) is cleared to ZERO after the
START bit is set. If INIT and
START are set together, RXON
will not be set until after the in-
itialization
block
has
been
read in.
Read accessible always. RXON
is read only. RXON is cleared by
H_RESET, S_RESET or by set-
ting the STOP bit.
4
TXON
Transmit On indicates that the
transmit function is enabled.
TXON is set to ONE if DTX
(CSR15, bit 1) is cleared to
ZERO after the START bit is set.
If INIT and START are set to-
gether, TXON will not be set until
after the initialization block has
been read in.
Read accessible always. TXON
is read only. TXON is cleared by
H_RESET, S_RESET or by set-
ting the STOP bit.
3
TDMD
Transmit Demand, when set,
causes the buffer management
unit to access the transmit de-
scriptor ring without waiting for
the poll-time counter to elapse. If
TXON is not enabled, TDMD bit
will be cleared and no transmit
descriptor ring access will occur.
If the DPOLL bit in CSR4 is set,
automatic polling is disabled and
TDMD can be used to start
a transmission.
Read/Write accessible always.
TDMD is set by writing a ONE.
Writing a ZERO has no effect.
TDMD will be cleared by the
buffer management unit when it
polls
a
transmit
descriptor.
TDMD is cleared by H_RESET,
S_RESET or by setting the
STOP bit.
2
STOP
STOP assertion disables the chip
from all DMA and network activ-
ity. The chip remains inactive
until either STRT or INIT are set.
If STOP, STRT and INIT are all
set together, STOP will override
STRT and INIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com