Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 115 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 115 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 111Page - Advanced Micro Devices AM79C970A Datasheet HTML 112Page - Advanced Micro Devices AM79C970A Datasheet HTML 113Page - Advanced Micro Devices AM79C970A Datasheet HTML 114Page - Advanced Micro Devices AM79C970A Datasheet HTML 115Page - Advanced Micro Devices AM79C970A Datasheet HTML 116Page - Advanced Micro Devices AM79C970A Datasheet HTML 117Page - Advanced Micro Devices AM79C970A Datasheet HTML 118Page - Advanced Micro Devices AM79C970A Datasheet HTML 119Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 219 page
background image
P R E L I M I N A R Y
AMD
115
Am79C970A
Read/Write accessible always.
STOP is set by writing a ONE, by
H_RESET or S_RESET. Writing
a ZERO has no effect. STOP is
cleared by setting either STRT
or INIT.
1
STRT
STRT assertion enables the
PCnet-PCI II controller to send
and receive frames and perform
buffer management operations.
Setting STRT clears the STOP
bit.
If
STRT
and
INIT
are
set together, the PCnet-PCI II
controller initialization will be
performed first.
Read/Write accessible always.
STRT is set by writing a ONE.
Writing a ZERO has no effect.
STRT is cleared by H_RESET,
S_RESET or by setting the
STOP bit.
0
INIT
INIT
assertion
enables
the
PCnet-PCI II controller to begin
the initialization procedure which
reads the initialization block from
memory. Setting INIT clears the
STOP bit. If STRT and INIT are
set together, the PCnet-PCI II
controller initialization will be per-
formed first. INIT is not cleared
when the initialization sequence
has completed.
Read/Write accessible always.
INIT is set by writing a ONE. Writ-
ing a ZERO has no effect. INIT is
cleared by H_RESET, S_RESET
or by setting the STOP bit.
CSR1: Initialization Block Address 0
Bit
Name
Description
This register is aliased with
CSR16.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 IADR[15:0]
Lower 16 bits of the address of
the initialization block. Bit loca-
tions 1 and 0 must both be ZERO
to align the initialization block to a
DWord boundary.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. Unaffected by
H_RESET or S_RESET or by
setting the STOP bit.
CSR2: Initialization Block Address 1
Bit
Name
Description
This register is aliased with
CSR17.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–8IADR[31:24]
If SSIZE32 (BCR20, bit 8) is
cleared
to
ZERO,
then
the
IADR[31:24] bits will be used to
generate the upper 8 bits of all
bus mastering addresses, as
required for a 32-bit address bus.
Note that the 16-bit software
structures will yield only 24 bits of
address for PCnet-PCI II control-
ler bus master accesses. The
PCnet-PCI II controller is de-
signed for 32-bit systems which
require
32
bits
of
address.
Therefore, whenever SSIZE32 is
cleared
to
ZERO,
the
IADR[31:24] bits will be ap-
pended to the 24-bit initialization
address, to each 24-bit descrip-
tor base address and to each
beginning 24-bit buffer address
in order to form complete 32-bit
addresses. The upper 8 bits that
exist in the descriptor address
registers and the buffer address
registers which are stored on
board the PCnet-PCI II controller
will
be
overwritten
with
the
IADR[31:24] value, so that CSR
accesses to these registers will
show the 32 bit address that in-
cludes the appended field.
If SSIZE32 is set to ONE, then
the IADR[31:24] bits will be used
strictly as the upper 8 bits of
the initialization block address.
In this mode, software will pro-
vide 32-bit pointer values for all
of the shared software struc-
tures— i.e. descriptor bases and
buffer addresses.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. Unaffected by
H_RESET, S_RESET or by set-
ting the STOP bit.
7–0 IADR[23:16]
Bits 23 through 16 of the address
of the initialization block.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. Unaffected by
H_RESET, S_RESET or by set-
ting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com