Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 106Page - Advanced Micro Devices AM79C970A Datasheet HTML 107Page - Advanced Micro Devices AM79C970A Datasheet HTML 108Page - Advanced Micro Devices AM79C970A Datasheet HTML 109Page - Advanced Micro Devices AM79C970A Datasheet HTML 110Page - Advanced Micro Devices AM79C970A Datasheet HTML 111Page - Advanced Micro Devices AM79C970A Datasheet HTML 112Page - Advanced Micro Devices AM79C970A Datasheet HTML 113Page - Advanced Micro Devices AM79C970A Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 219 page
background image
AMD
P R E L I M I N A R Y
110
Am79C970A
6–0
LAYOUT
PCI configuration space layout.
Read as ZEROs, write opera-
tions have no effect. The layout
of the PCI configuration space
locations 10h to 3Ch is as shown
in the table at the beginning of
this section.
PCI I/O Base Address Register (Offset 10h)
The PCI I/O Base Address register is a 32-bit register
that determines the location of the PCnet-PCI II control-
ler I/O resources in all of I/O space. It is located at offset
10h in the PCI Configuration Space.
31–5 IOBASE
I/O base address most signifi-
cant 27 bits. These bits are writ-
ten by the host to specify the
location of the PCnet-PCI II con-
troller I/O resources in all of I/O
space. IOBASE must be written
with a valid address before the
PCnet-PCI II controller slave I/O
mode is turned on by setting the
IOEN bit (PCI Command regis-
ter, bit 0).
When the PCnet-PCI II controller
is enabled for I/O mode (IOEN is
set), it monitors the PCI bus for
a valid I/O command. If the value
on AD[31:5] during the address
phase of the cycles matches
the
value
of
IOBASE,
the
PCnet-PCI II controller will drive
DEVSEL indicating it will re-
spond to the access.
IOBASE is read and written by
the host. IOBASE is cleared by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
4–2
IOSIZE
I/O size requirements. Read as
ZEROs, write operations have
no effect.
IOSIZE indicates the size of the
I/O space the PCnet-PCI II con-
troller requires. When the host
writes a value of FFFF FFFFh to
the I/O Base Address register,
it will read back a value of ZERO
in bits 4–2. That indicates a
PCnet-PCI II controller I/O space
requirement of 32 bytes.
1
RES
Reserved
location.
Read
as
ZERO, write operations have
no effect.
0
IOSPACE
I/O space indicator. Read as
ONE, write operations have no
effect. Indicating that this base
address register describes an I/O
base address.
PCI Memory Mapped I/O Base Address Register
(Offset 14h)
The PCI Memory Mapped I/O Base Address register is a
32-bit register that determines the location of the
PCnet-PCI II controller I/O resources in all of memory
space. It is located at offset 14h in the PCI
Configuration Space.
Bit
Name
Description
31–5 MEMBASE
Memory mapped I/O base ad-
dress most significant 27 bits.
These bits are written by the host
to specify the location of the
PCnet-PCI II controller I/O re-
sources in all of memory space.
MEMBASE
must
be
written
with a valid address before the
PCnet-PCI II controller slave
memory mapped I/O mode is
turned on by setting the MEMEN
bit
(PCI
Command
register,
bit 1).
When the PCnet-PCI II controller
is enabled for memory mapped
I/O mode (MEMEN is set), it
monitors the PCI bus for a valid
memory command. If the value
on AD[31:5] during the address
phase of the cycles matches the
value
of
MEMBASE,
the
PCnet-PCI II controller will drive
DEVSEL indicating it will re-
spond to the access.
MEMBASE is read and written by
the host. MEMBASE is cleared
by H_RESET and is not affected
by S_RESET or by setting the
STOP bit.
4
MEMSIZE
Memory mapped I/O size re-
quirements. Read as ZEROs,
write operations have no effect.
MEMSIZE indicates the size of
the
memory
space
the
PCnet-PCI II controller requires.
When the host writes a value of
FFFF FFFFh to the Memory
Mapped I/O Base Address regis-
ter, it will read back a value of
ZERO in bit 4. That indicates a
PCnet-PCI II controller memory
space requirement of 32 bytes.
3
PREFETCH
Prefetchable. Read as ZERO,
write operations have no effect.
Indicates that memory space
controlled by this base address
register is not prefetchable. Data
in the memory mapped I/O space
cannot be prefetched. Because
one of I/O resources in this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com