Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 102Page - Advanced Micro Devices AM79C970A Datasheet HTML 103Page - Advanced Micro Devices AM79C970A Datasheet HTML 104Page - Advanced Micro Devices AM79C970A Datasheet HTML 105Page - Advanced Micro Devices AM79C970A Datasheet HTML 106Page - Advanced Micro Devices AM79C970A Datasheet HTML 107Page - Advanced Micro Devices AM79C970A Datasheet HTML 108Page - Advanced Micro Devices AM79C970A Datasheet HTML 109Page - Advanced Micro Devices AM79C970A Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 219 page
background image
AMD
P R E L I M I N A R Y
106
Am79C970A
in either of these lists can be assumed to be intended for
diagnostic purposes.
PCI Configuration Registers
The following is a list of those registers that would typi-
cally need to be programmed once during the initializa-
tion of the PCnet-PCI II controller within a system:
s PCI I/O Base Address or Memory Mapped I/O Base
Address register
s PCI Expansion ROM Base Address register
s PCI Interrupt Line register
s PCI Latency Timer register
s PCI Status register
s PCI Command register
Setup Registers
The following is a list of those registers that would typi-
cally need to be programmed once during the setup of
the PCnet-PCI II controller within a system. The control
bits in each of these registers typically do not need to be
modified once they have been written. However, there
are no restrictions as to how many times these registers
may actually be accessed. Note that if the default power
up values of any of these registers is acceptable to the
application, then such registers need never be ac-
cessed at all. Registers marked with “^” may be pro-
grammable through the EEPROM read operation, and
therefore do not necessarily need to be written to by the
system initialization procedure or by the driver software.
Registers marked with “*” will be initialized by the initiali-
zation block read operation.
CSR1
Initialization Block Address[15:0]
CSR2
Initialization Block Address[31:16]
CSR3
Interrupt Masks and Deferral Control
CSR4
Test and Features Control
CSR5
Extended Control and Interrupt
CSR8*
Logical Address Filter[15:0]
CSR9*
Logical Address Filter[31:16]
CSR10*
Logical Address Filter[47:32]
CSR11*
Logical Address Filter[63:48]
CSR12*
Physical Address[15:0]
CSR13*
Physical Address[31:16]
CSR14*
Physical Address[47:32]
CSR15*
Mode
CSR24*
Base Address of Receive Descriptor
Ring Lower
CSR25*
Base Address of Receive Descriptor
Ring Upper
CSR30*
Base Address of Transmit Descriptor
Ring Lower
CSR31*
Base Address of Transmit Descriptor
Ring Upper
CSR47
Polling Interval
CSR76*
Receive Descriptor Ring Length
CSR78*
Transmit Descriptor Ring Length
CSR82
Bus Activity Timer
CSR100
Memory Error Timeout
CSR122
Receiver Packet Alignment Control
BCR2^
Miscellaneous Configuration
BCR4^
Link Status LED
BCR5^
LED1 Status
BCR6^
LED2 Status
BCR7^
LED3 Status
BCR9^
Full-Duplex Control
BCR18^
Bus and Burst Control
BCR20
Software Style
Running Registers
The following is a list of those registers that would typi-
cally need to be periodically read and perhaps written
during the normal running operation of the PCnet-PCI II
controller within a system. Each of these registers con-
tains control bits or status bits or both.
RAP
Register Address Port
CSR0
PCnet-PCI II Controller Status
CSR4
Test and Features Control
CSR5
Extended Control and Interrupt
CSR112
Missed Frame Count
CSR114
Receive Collision Count
PCI Status register
PCI Configuration Registers
PCI Vendor ID (Offset 00h)
The PCI Vendor ID register is a 16-bit register that iden-
tifies the manufacturer of the PCnet-PCI II controller.
Advanced Micro Devices, Inc.’s (AMD) Vendor ID is
1022h. Note that this vendor ID is not the same as the
Manufacturer ID in CSR88 and CSR89. The vendor ID is
assigned by the PCI Special Interest Group.
The PCI Vendor ID register is located at offset 00h in the
PCI Configuration Space. It is read only.
PCI Device ID Register (Offset 02h)
The PCI Device ID register is a 16-bit register that
uniquely identifies the PCnet-PCI II controller within
AMD’s product line. The PCnet-PCI II controller Device
ID is 2000h. Note that this Device ID is not the same as
the Part number in CSR88 and CSR89. The Device ID is
assigned by Advanced Micro Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com