Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 105 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 105 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 101Page - Advanced Micro Devices AM79C970A Datasheet HTML 102Page - Advanced Micro Devices AM79C970A Datasheet HTML 103Page - Advanced Micro Devices AM79C970A Datasheet HTML 104Page - Advanced Micro Devices AM79C970A Datasheet HTML 105Page - Advanced Micro Devices AM79C970A Datasheet HTML 106Page - Advanced Micro Devices AM79C970A Datasheet HTML 107Page - Advanced Micro Devices AM79C970A Datasheet HTML 108Page - Advanced Micro Devices AM79C970A Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 219 page
background image
P R E L I M I N A R Y
AMD
105
Am79C970A
Table 21. I/O Map In DWord I/O Mode (DWIO = 1)
Offset
No. of Bytes
Register
00h – 0Fh
16
APROM
10h
4
RDP
14h
4
RAP (shared by RDP
and BDP)
18h
4
Reset Register
1Ch
4
BDP
All I/O resources must be accessed in DWord quantities
and on DWord addresses. A read access other than
listed in the table below will yield undefined data, a write
operation may cause unexpected reprogramming of the
PCnet-PCI II controller control registers.
Table 22. Legal I/O Accesses in Double Word I/O Mode (DWIO = 1)
AD[4:0]
BE[3:0]
Type
Comment
0XX00
0000
RD
DWord Read of APROM Locations 3h (MSB) to 0h (LSB),
7h to 4h, Bh to 8h or Fh to Ch
10000
0000
RD
DWord Read of RDP
10100
0000
RD
DWord Read of RAP
11000
0000
RD
DWord Read of Reset Register
0XX00
0000
WR
DWord Write to APROM Locations 3h (MSB) to 0h (LSB), 7h to 4h, Bh to
8h or Fh to Ch
10000
0000
WR
DWord Write to RDP
10100
0000
WR
DWord Write to RAP
11000
0000
WR
DWord Write to Reset Register
USER ACCESSIBLE REGISTERS
The PCnet-PCI II controller has three types of user
registers: the PCI configuration registers, the Control
and Status registers (CSR) and the Bus Control
registers (BCR).
The PCnet-PCI II controller implements all PCnet-ISA
(Am79C960) registers, all C-LANCE (Am79C90) regis-
ters, all ILACC (Am79C900) registers, plus a number of
additional registers. The PCnet-PCI II controller CSRs
are compatible with both the PCnet-ISA CSRs and all of
the C-LANCE CSRs upon power up. Compatibility to the
ILACC set of CSRs requires one access to the Software
Style register (BCR20, bits 7–0) to be performed. By
setting an appropriate value of the Software Style regis-
ter (BCR20, bits 7–0) the user can select a set of CSRs
that are compatible with the ILACC set of CSRs.
The PCI configuration registers can be accessed in any
data width. All other registers must be accessed accord-
ing to the I/O mode that is currently selected. When WIO
mode is selected, all other register locations are defined
to be 16 bits in width. When DWIO mode is selected, all
these register locations are defined to be 32 bits in
width, with the upper 16 bits of most register locations
marked as reserved locations with undefined values.
When performing register write operations in DWIO
mode, the upper 16 bits should always be written as
ZEROs. When performing register read operations in
DWIO mode, the upper 16 bits of I/O resources should
always be regarded as having undefined values, except
for CSR88.
PCnet-PCI II controller registers can be divided into
four groups:
PCI Configuration Registers
Registers that are intended to be initialized by the
system initialization procedure (e.g. BIOS device
initialization routine) to program the operation of the
PCnet-PCI II controller PCI bus interface.
Setup Registers
Registers that are intended to be initialized by the device
driver to program the operation of various PCnet-PCI II
controller features.
Running Registers
Registers that are intended to be used by the
device driver software once the PCnet-PCI II controller
is running to access status information and to pass
control information.
Test Registers
Registers that are intended to be used only for testing
and diagnostic purposes.
Below is a list of the registers that fall into each of the first
three categories. Those registers that are not included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com