Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 99Page - Advanced Micro Devices AM79C970A Datasheet HTML 100Page - Advanced Micro Devices AM79C970A Datasheet HTML 101Page - Advanced Micro Devices AM79C970A Datasheet HTML 102Page - Advanced Micro Devices AM79C970A Datasheet HTML 103Page - Advanced Micro Devices AM79C970A Datasheet HTML 104Page - Advanced Micro Devices AM79C970A Datasheet HTML 105Page - Advanced Micro Devices AM79C970A Datasheet HTML 106Page - Advanced Micro Devices AM79C970A Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 219 page
background image
P R E L I M I N A R Y
AMD
103
Am79C970A
I/O Resources
The PCnet-PCI II controller requires 32 bytes of address
space for access to all the various internal registers as
well as to some setup information stored in an external
serial EEPROM. A software reset port is available, too.
The PCnet-PCI II controller supports mapping the ad-
dress space to both I/O and memory space. The value in
the PCI I/O Base Address register determines the start
address of the I/O address space. The register is typi-
cally programmed by the PCI configuration utility after
system power-up. The PCI configuration utility must
also set the IOEN bit in the PCI Command register to en-
able I/O accesses to the PCnet-PCI II controller. For
memory mapped I/O access, the PCI Memory Mapped
I/O Base Address register controls the start address of
the memory space. The MEMEN bit in the PCI Com-
mand register must also be set to enable the mode. Both
base address registers can be active at the same time.
The PCnet-PCI II controller supports two modes for ac-
cessing the I/O resources. For backwards compatibility
with AMD’s 16-bit Ethernet controllers, Word I/O is the
default mode after power up. The device can be config-
ured to DWord I/O mode by software.
I/O Registers
The PCnet-PCI II controller registers are divided into
two groups. The Control and Status Registers (CSR)
are used to configure the Ethernet MAC engine and to
obtain status information. The Bus Control Registers
(BCR) are use to configure the bus interface unit and the
LEDs. Both sets of registers are accessed using
indirect addressing.
The CSR and BCR share a common Register Address
Port (RAP). There are, however, separate data ports.
The Register Data Port (RDP) is used to access a CSR.
The BCR Data Port (BDP) is used to access a BCR.
In order to access a particular CSR location, the RAP
should first be written with the appropriate CSR ad-
dress. The RDP will then points to the selected CSR. A
read of the RDP will yield the selected CSR data. A write
to the RDP will write to the selected CSR. In order to ac-
cess a particular BCR location, the RAP should first be
written with the appropriate BCR address. The BDP will
then points to the selected BCR. A read of the BDP will
yield the selected BCR data. A write to the BDP will write
to the selected BCR.
Once the RAP has been written with a value, the RAP
value remains unchanged until another RAP write oc-
curs, or until an H_RESET or S_RESET occurs. RAP is
cleared to all ZEROs when an H_RESET or S_RESET
occurs. RAP is unaffected by setting the STOP bit.
Address PROM Space
The PCnet-PCI II controller allows for connection of a
serial EEPROM. The first 16 bytes of the EEPROM will
be automatically loaded into the Address PROM
(APROM) space after H_RESET. The Address PROM
space is a convenient place to store the value of the
48-bit IEEE station address. It can be overwritten by the
host computer. Its content has no effect on the operation
of the controller. The software must copy the station ad-
dress from the Address PROM space to the initialization
block or to CSR12-14 in order for the receiver to accept
unicast frames directed to this station.
The 6 bytes of IEEE station address occupy the first 6
locations of the Address PROM space. The next six
bytes are reserved. Bytes 12 and 13 should match the
value of the checksum of bytes 1 through 11 and 14 and
15. Bytes 14 and 15 should each be ASCII W (57h). The
above requirements must be met in order to be compat-
ible with AMD driver software.
The APROMWE bit (BCR2, bit 8) must be set to ONE to
enable write access to the Address PROM space.
Reset Register
A read of the Reset register creates an internal software
reset (S_RESET) pulse in the PCnet-PCI II controller.
The internal S_RESET pulse that is generated by this
access is different from both the assertion of the
hardware
RST pin (H_RESET) and from the assertion of
the software STOP bit. Specifically, S_RESET is the
equivalent of the assertion of the
RST pin (H_RESET)
except that S_RESET has no effect on the BCR or PCI
Configuration space locations or on the T-MAU.
The NE2100 LANCE based family of Ethernet cards
requires that a write access to the Reset register
follows each read access to the Reset register. The
PCnet-PCI II controller does not have a similar require-
ment. The write access is not required but it does not
have any effects.
Note that the PCnet-PCI II controller cannot service any
slave accesses for a very short time after a read access
of the Reset register, because the internal S_RESET
operation takes about 1
µs to finish. The PCnet-PCI II
controller will terminate all slave accesses with the as-
sertion of
DEVSEL and STOP while TRDY is not as-
serted, signaling to the initiator to disconnect and retry
the access at a later time.
Word I/O Mode
After H_RESET, the PCnet-PCI II controller is pro-
grammed to operate in Word I/O mode. DWIO (BCR18,
bit 7) will be cleared to ZERO. The table below shows
how the 32 bytes of address space are used in Word
I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com